Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3959 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3959
Description  The purpose of this application note is to describe
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3959 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3959 Datasheet HTML 4Page - STMicroelectronics AN3959 Datasheet HTML 5Page - STMicroelectronics AN3959 Datasheet HTML 6Page - STMicroelectronics AN3959 Datasheet HTML 7Page - STMicroelectronics AN3959 Datasheet HTML 8Page - STMicroelectronics AN3959 Datasheet HTML 9Page - STMicroelectronics AN3959 Datasheet HTML 10Page - STMicroelectronics AN3959 Datasheet HTML 11Page - STMicroelectronics AN3959 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
Figure 3.
Schematic-2
AP INTERFACE CONNECTOR
TO AP INTERFACE
POWER SUPPLY INPUT
The range of +Vs is from +5V to +24V
TEST PINS
HEADPHONE O/P
STEREO HEADPHONE DRIVER
12
34
56
78
910
11
12
13
14
15
16
J1
HEADER8X2
+ C12
10uF/10V
C13
100nF
1
2
CN2
CN-5-02P
1
2
CN1
J5-1
J5-2
J3-1
J3-2
J4-1
J4-2
J6-1
J6-2
J8-1
J8-2
J10-1
J10-2
J11-1
J11-2
J12-1
J12-2
C15
100uF
35V
R12
4K7
C16
470PF
R13
4K7
R14
4K7
C17
150PF
R15
4K7
R18
4K7
R19
4K7
R20
4K7
C19
470PF
R21
4K7
R22
4K7
C20
150PF
R23
4K7
R26
4K7
R27
4K7
C21
220PF
C22
220PF
C23
220PF
BD3
BEAD or 33R
C24
100PF
C25
100uF
35V
BD4
BEAD or 33R
C26
100PF
1
2
3
J13
C27
100nF
C28
47uF
50V
OUTA
INA1
INA2
VSS
INB2
INB1
OUTB
VDD
IC2
LM833
J17
PWRDN
MCLK
RESET
SDA
SCL
BICKI
LRCKI
SDI1
+3V3
+VS
SDA
SCL
SDA
SCL
MCLK
BICKI
LRCKI
SDI1
INT_LINE
FFX3A
FFX3B
FFX4A
FFX4B
F3XL
F3XR
SOFTMUTE
FFX3B
FFX3A
FFX4B
FFX4A
+VS
+VS
+VS
+3V3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com