Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3959 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3959
Description  The purpose of this application note is to describe
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3959 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3959 Datasheet HTML 15Page - STMicroelectronics AN3959 Datasheet HTML 16Page - STMicroelectronics AN3959 Datasheet HTML 17Page - STMicroelectronics AN3959 Datasheet HTML 18Page - STMicroelectronics AN3959 Datasheet HTML 19Page - STMicroelectronics AN3959 Datasheet HTML 20Page - STMicroelectronics AN3959 Datasheet HTML 21Page - STMicroelectronics AN3959 Datasheet HTML 22Page - STMicroelectronics AN3959 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 65 page
background image
AN3959
STA381BWS power section test results
Doc ID 022081 Rev 3
19/65
Figure 15.
THD vs. output power, VCC = 18 V, RL = 8 ohm, f = 1 kHz
Figure 16.
THD vs. output power at different power supplies, RL = 8 ohm, f = 1 kHz
Test Conditions : VCC=18V, Rl=8ohm, Dual BTL, Volume: +3dB
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
10m
20
20m
50m
100m
200m
500m
1
2
5
10
W
Test Conditions : Rl=8ohm, Dual BTL, Volume: +3dB
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
10m
40
20m
50m
100m
200m
500m
1
2
5
10
20
W
VCC=24V
VCC=21V
VCC=18V
VCC=15V
VCC=12V
VCC=9V
VCC=6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com