Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3959 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3959
Description  The purpose of this application note is to describe
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3959 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3959 Datasheet HTML 2Page - STMicroelectronics AN3959 Datasheet HTML 3Page - STMicroelectronics AN3959 Datasheet HTML 4Page - STMicroelectronics AN3959 Datasheet HTML 5Page - STMicroelectronics AN3959 Datasheet HTML 6Page - STMicroelectronics AN3959 Datasheet HTML 7Page - STMicroelectronics AN3959 Datasheet HTML 8Page - STMicroelectronics AN3959 Datasheet HTML 9Page - STMicroelectronics AN3959 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 65 page
background image
Functional description of the demonstration board
AN3959
6/65
Doc ID 022081 Rev 3
1
Functional description of the demonstration board
The following terms used in this application note are defined as follows:
●
THD+N vs. Freq: Total harmonic distortion (THD) plus noise versus frequency curve
●
THD+N vs. Pout: Total harmonic distortion (THD) plus noise versus output power
●
S/N ratio: Signal-to-noise ratio
●
FFT: Fast Fourier Transform algorithm (method)
●
CT: Channel separation L to R, or R to L channel crosstalk
The equipment used includes the following:
●
Audio Precision (System 2700) by AP Co., USA
●
DC power supply (4.5 V to 25.5 V operating range)
●
Digital oscilloscope (TDS3034B by Tektronix)
●
MS Windows-based PC with APWorkbench GUI control software installed. For the
APWorkbench software setup, please refer to the APW UserManualR1.0.pdf
Reference documents include:
●
STA381BW and STA381BWS datasheets
●
Demonstration board schematic, PCB layout and test curves
1.1
Connections
Power supply and interface connection
1.
Connect the positive voltage of the 18 V DC power supply to the +VS pin and negative
to GND (note that the operating voltage range of the DC power supply is from 4.5 V to
25.5 V).
2.
Connect the APWLink board to the J1 connector of the STA380BWS demonstration
board.
3.
Connect the S/PDIF signal cable to the RCA jack on the APWLink board, the other side
connects to the signal source such as Audio Precision or a DVD player.
1.2
Output configuration
The STA381BW/STA381BWS demonstration board is specifically configured in 2 BTL
channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com