Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3959 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3959
Description  The purpose of this application note is to describe
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3959 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3959 Datasheet HTML 1Page - STMicroelectronics AN3959 Datasheet HTML 2Page - STMicroelectronics AN3959 Datasheet HTML 3Page - STMicroelectronics AN3959 Datasheet HTML 4Page - STMicroelectronics AN3959 Datasheet HTML 5Page - STMicroelectronics AN3959 Datasheet HTML 6Page - STMicroelectronics AN3959 Datasheet HTML 7Page - STMicroelectronics AN3959 Datasheet HTML 8Page - STMicroelectronics AN3959 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
December 2011
Doc ID 022081 Rev 3
1/65
AN3959
Application note
2.0-channel demonstration board
based on the STA381BW and STA381BWS
Introduction
The purpose of this application note is to describe:
■ how to connect the STA381BW/STA381BWS 2.0-channel demonstration board
■ how to evaluate the performance of the demonstration board with significant electrical
curves
■ how to avoid critical issues in the PCB schematic and layout of the
STA381BW/STA381BWS
The STA381BW/STA381BWS demonstration board is configured for 2.0 BTL channels,
releasing up to 2 x 20 W into 8 ohm of power output at 18 V of supply voltage in the VQFN48
package. It represents a total solution for the digital audio power amplifier.
Figure 1.
STA381BW/STA381BWS 2.0-channel demonstration board
www.st.com


Similar Part No. - AN3959

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3955 STMICROELECTRONICS-AN3955 Datasheet
717Kb / 68P
This document describes
20-Sep-2011
logo
Freescale Semiconductor...
AN3956 FREESCALE-AN3956 Datasheet
397Kb / 20P
DEMOAPEXSENSOR Usage Altitude Pressure EXperimental (APEX) Sensor Board
logo
STMicroelectronics
AN3956 STMICROELECTRONICS-AN3956 Datasheet
1Mb / 14P
The STEVAL-CCA029V1 is a demonstration board designed
21-Sep-2012
More results

Similar Description - AN3959

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3383 STMICROELECTRONICS-AN3383 Datasheet
5Mb / 29P
The purpose of this application note is to describe:
08-Apr-2011
UM1608 STMICROELECTRONICS-UM1608 Datasheet
634Kb / 9P
The purpose of this document is to describe
03-Jun-2013
UM1470 STMICROELECTRONICS-UM1470 Datasheet
937Kb / 19P
The purpose of this document is to describe
02-May-2012
AN2495 STMICROELECTRONICS-AN2495 Datasheet
812Kb / 36P
The purpose of this application note is to explain the design
19-Apr-2011
AN303 STMICROELECTRONICS-AN303 Datasheet
170Kb / 13P
The purpose of this note is to familiarize
24-Apr-2009
AN2394 STMICROELECTRONICS-AN2394 Datasheet
163Kb / 13P
The purpose of this application note
06-Dec-2007
AN2776 STMICROELECTRONICS-AN2776 Datasheet
168Kb / 20P
The purpose of this application note is to explain
29-May-2008
AN4296 STMICROELECTRONICS-AN4296 Datasheet
1Mb / 25P
The purpose of this application note is to give a presentation
02-Sep-2014
UM1755 STMICROELECTRONICS-UM1755 Datasheet
1Mb / 123P
The purpose of this document is to describe the design of the application
17-Nov-2014
UM1865 STMICROELECTRONICS-UM1865 Datasheet
1Mb / 132P
The purpose of this document is to describe the design of the application
04-Mar-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com