Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3959 Datasheet(PDF) 47 Page - STMicroelectronics

Part # AN3959
Description  The purpose of this application note is to describe
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3959 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button AN3959 Datasheet HTML 43Page - STMicroelectronics AN3959 Datasheet HTML 44Page - STMicroelectronics AN3959 Datasheet HTML 45Page - STMicroelectronics AN3959 Datasheet HTML 46Page - STMicroelectronics AN3959 Datasheet HTML 47Page - STMicroelectronics AN3959 Datasheet HTML 48Page - STMicroelectronics AN3959 Datasheet HTML 49Page - STMicroelectronics AN3959 Datasheet HTML 50Page - STMicroelectronics AN3959 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 65 page
background image
AN3959
Software setup to use the STA381BW/STA381BWS devices (ST Map)
Doc ID 022081 Rev 3
47/65
7.4
Startup
ST map selection
●
Select register map (ST Map)
–
0x7E (MISC4) bit D7 (SMAP) set to 0 (default is 1)
Clock and SAI configuration
●
Set clock selection (register 0x00)
–
For each Fs, if BICKI=32*Fs or 64*Fs, MCLK is ignored and the oversampling
clock is BICKI
–
If the multiplier is different from 32 or 64, MCLK is mandatory and the
configuration must be written in register 0x00
●
Set SAI interface
–
Select right digital interface (the default setting is I2S 24-bit), writing the register
0x01
Output configuration
●
Select configuration
–
2.0-channel is the default configuration
–
2.1-channel configuration (2 single-ended + 1 BTL)
Register 0x05 (CONFF) bit D1 and D0 (OCFG) must be set to 01
–
2.1-channel configuration with external PWM and controls on auxiliary PWM (2
BTL + external PWM)
Register 0x05 (CONFF) bit D1 and D0 (OCFG) must be set to 10
–
1-channel configuration (for subwoofer application)
Register 0x05 (CONFF) bit D1 and D0 (OCFG) must be set to 11
Settings for class-AB
●
Select output configuration
–
Lineout: default setting (0) bit D7 (HPLN) register 0x55 (HPCFG)
–
Headphone: set bit D7 (HPLN) register 0x55 to 1 (HPCFG)
●
Enable class-AB
–
Set to 0 (default is 1) bit D5 (MUTE) of register 0x55 (HPCFG)
●
To verify that the device works properly read register 0x55
–
Bit D0 must be 1 (charge pump OK)
–
Bit D1 must be 0 (class-AB not in FAULT)
–
Bit D2 must be 1 (1.8 V core power supply OK)
Settings for enable F3X
●
Set register 0x59 (F3XCFG2) to 0x6D
The default value is 0x6E. This means bit D0 must be set to 1and bit D0 to 0.
–
After setting these bits, in F3XL there is analog output of channel 1 and in F3XR
there is analog output of ch 2. The volume control is bypassed.
–
To also control the volume it is mandatory to change the LOC1 and LOC0 bits (bit
D6 and D7 reg. 0x06)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com