Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4475 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4475
Description  Safety Application Guide for SPC563Mxx family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4475 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4475 Datasheet HTML 2Page - STMicroelectronics AN4475 Datasheet HTML 3Page - STMicroelectronics AN4475 Datasheet HTML 4Page - STMicroelectronics AN4475 Datasheet HTML 5Page - STMicroelectronics AN4475 Datasheet HTML 6Page - STMicroelectronics AN4475 Datasheet HTML 7Page - STMicroelectronics AN4475 Datasheet HTML 8Page - STMicroelectronics AN4475 Datasheet HTML 9Page - STMicroelectronics AN4475 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
DocID026216 Rev 1
7/27
AN4475
Functional safety requirements for application software
26
2
Functional safety requirements for application
software
This section gives an overview of suggested measures when using the individual modules
of the SPC563Mxx.
It is possible to ignore aspects of the text if equivalent measures are considered to manage
the same failures. Modules not explicitly covered by this document are assumed not safety
relevant and do not require any software measures.
2.1
Application software requirements
Application software is developed according to safety requirements.
The following sections contain suggested assumptions and requirements for using the
SPC563Mxx devices in a safety application.
2.2
Core
Suggested: [covers: HW_CORE_EXCEPTION] all exception are enabled, if not enabled by
default, and managed. These specific software countermeasures can run once after the
Power-On Reset (POR) before the safety function starts. [end]
Suggested: [covers: SW_CODE_REDUND] this safety mechanism consists of two
redundant diverse software implementations in one hardware channel. Using different
hardware resources (e.g. different RAM, ROM memory ranges) can increase the diagnostic
coverage. For more details see ISO26262-5 D.2.3.4 technique. [end]
Suggested: [covers: SW_PROG_FLOW_MONIT] this safety mechanism checks the
sequence of executed program tasks in order to detect a defective program sequence. A
defective program sequence exists if the individual tasks of a program (e.g. software
modules, functions or statements) are processed in the wrong sequence. For more details
see ISO26262-5 D.2.9.5 technique. These specific software countermeasures can run once
per FTTI. [end]
Suggested: [covers: SW_PROG_TEMPORAL_MONIT] this safety mechanism is intended
to supervise the reliability of program execution in consideration of periodicity and maximum
timing constraints of periodicity. For more details see ISO26262-5 D.2.9.5 technique. These
specific software countermeasures can run once per FTTI. [end]
Suggested: [covers: SW_CORE_SELF_TEST] specific software countermeasures are
implemented to detect Core permanent faults. These specific software countermeasures
can run once after the Power-On Reset (POR) before the safety function starts and/or once
per FTTI depending on the type of faults to be detected. [end]
2.3
System Clock and Frequency-Modulated Phase-Locked
Loop (FMPLL)
External oscillator (XTAL_OSC) and FMPLL output are monitored by the hardware module
called Clock Quality Monitor (CQM).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com