Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4475 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4475
Description  Safety Application Guide for SPC563Mxx family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4475 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4475 Datasheet HTML 15Page - STMicroelectronics AN4475 Datasheet HTML 16Page - STMicroelectronics AN4475 Datasheet HTML 17Page - STMicroelectronics AN4475 Datasheet HTML 18Page - STMicroelectronics AN4475 Datasheet HTML 19Page - STMicroelectronics AN4475 Datasheet HTML 20Page - STMicroelectronics AN4475 Datasheet HTML 21Page - STMicroelectronics AN4475 Datasheet HTML 22Page - STMicroelectronics AN4475 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Functions of external devices for safety applications
AN4475
20/27
DocID026216 Rev 1
3.3
PWM Output Monitor function (PWMM)
The eMIOS200 module and the eTPU2 module integrated in the SPC563Mxx device can
generate PWM output signals.
In general, if the safety application uses these PWM output signals to control an actuator
with short safety time against wrong control (such as the inverter of a three-phase motor
control application with a dead-time requirements to avoid short circuits destroying the
inverter and the motor), those requirements are supervised externally if the failure reaction
delay within the SPC563Mxx device can exceed the safety time of the actuator.
The distinctive features that should be managed by the external device are the correctness
of inserted dead-time and the occurrence of an open-circuit and/or short-circuit to supply or
ground.
Suggested: [covers: SW_EXT_PWM_MON] an external low-cost device, acting as system
supervisor, provides also a PWM monitor to check the generated PWM output signals.
Rationale: to check the accuracy of the PWM output signals.
If a failure is detected, the PWMM moves, and maintains, the system (ECU level) to a Safe
state condition within the FTTI (e.g., the PWMM disconnects from the power supply the
SPC563Mxx device).
Implementation hint: in case PWM signals drive the switches of a power stage, eMIOS200
channels or eTPU2 channels cannot be used to detect a dead-time fault because its failure
indication time is normally greater than the time enough to produce a physical permanent
failure of the power stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com