Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4475 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4475
Description  Safety Application Guide for SPC563Mxx family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4475 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4475 Datasheet HTML 1Page - STMicroelectronics AN4475 Datasheet HTML 2Page - STMicroelectronics AN4475 Datasheet HTML 3Page - STMicroelectronics AN4475 Datasheet HTML 4Page - STMicroelectronics AN4475 Datasheet HTML 5Page - STMicroelectronics AN4475 Datasheet HTML 6Page - STMicroelectronics AN4475 Datasheet HTML 7Page - STMicroelectronics AN4475 Datasheet HTML 8Page - STMicroelectronics AN4475 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
May 2014
DocID026216 Rev 1
1/27
AN4475
Application note
Safety Application Guide for SPC563Mxx family
Introduction
This document contains guidelines in order to configure and use the SPC563Mxx device for
safety relevant applications. These guidelines are preceded by one of the following bold text
statements:
•
Suggested
•
Implementation hint
•
Rationale
These guidelines are useful approaches for the specific topics under discussion even if they
are not mandatory. The user needs to use discretion in deciding whether these measures
are appropriate for their applications.
This document is valid only under the assumption that the MCU is used in automotive
applications for use cases requiring a fail-safe MCU and if the environmental conditions
specified in the SPC563Mxx device data sheet are maintained.
Together with the standard documentation as the reference manual and the datasheet, also
SPC563Mxx device errata sheet must be taken into account during system design and
implementation (see Chapter Appendix B: Document references).
www.st.com


Similar Part No. - AN4475

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4470 STMICROELECTRONICS-AN4470 Datasheet
1Mb / 20P
The STPM3x application calibration
08-Apr-2014
AN4471 STMICROELECTRONICS-AN4471 Datasheet
1Mb / 39P
STEVAL-IME009V1 evaluation board based on the STHV800 high voltage pulser
22-Oct-2014
AN4472 STMICROELECTRONICS-AN4472 Datasheet
6Mb / 44P
STEVAL-IME008V1 evaluation board based on the STHV749 transmission pulser
10-Dec-2014
logo
Freescale Semiconductor...
AN4473 FREESCALE-AN4473 Datasheet
8Mb / 2P
Dual 6.0 m high-side switch
AN4473 FREESCALE-AN4473 Datasheet
8Mb / 2P
Dual 10 m high-side switch
More results

Similar Description - AN4475

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCX6206 NSC-SCX6206 Datasheet
812Kb / 24P
SCX MICROCMOS GATE ARRAY FAMILY APPLICATION GUIDE
logo
STMicroelectronics
SPC563M64AVB176 STMICROELECTRONICS-SPC563M64AVB176 Datasheet
101Kb / 6P
SPC563Mxx microcontroller family calibration and emulation system
10-Sep-2012
SPC564AADPT324S STMICROELECTRONICS-SPC564AADPT324S Datasheet
105Kb / 4P
SPC563Mxx, SPC564Axx microcontroller family evaluation board
20-Sep-2012
AN3077 STMICROELECTRONICS-AN3077 Datasheet
976Kb / 82P
Safety application guide
17-Sep-2013
AN4287 STMICROELECTRONICS-AN4287 Datasheet
705Kb / 27P
Safety application guide for SPC564Axx family
24-Sep-2013
AN4266 STMICROELECTRONICS-AN4266 Datasheet
725Kb / 76P
Safety application guide for SPC56xL70xx family
17-Sep-2013
TN0973 STMICROELECTRONICS-TN0973 Datasheet
90Kb / 6P
Safety application guide for SPC56EL54xx/SPC56EL60xx family
17-Sep-2013
TN0983 STMICROELECTRONICS-TN0983 Datasheet
72Kb / 6P
Safety application guide for SPC56xL70xx family
17-Sep-2013
AN994 STMICROELECTRONICS-AN994 Datasheet
565Kb / 25P
L638xE application guide
17-Feb-2009
L9659 STMICROELECTRONICS-L9659 Datasheet
577Kb / 51P
Octal squib driver ASIC for safety application
19-Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com