Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4475 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4475
Description  Safety Application Guide for SPC563Mxx family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4475 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4475 Datasheet HTML 14Page - STMicroelectronics AN4475 Datasheet HTML 15Page - STMicroelectronics AN4475 Datasheet HTML 16Page - STMicroelectronics AN4475 Datasheet HTML 17Page - STMicroelectronics AN4475 Datasheet HTML 18Page - STMicroelectronics AN4475 Datasheet HTML 19Page - STMicroelectronics AN4475 Datasheet HTML 20Page - STMicroelectronics AN4475 Datasheet HTML 21Page - STMicroelectronics AN4475 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
DocID026216 Rev 1
19/27
AN4475
Functions of external devices for safety applications
26
3
Functions of external devices for safety applications
This section gives an overview of the external components suggested to use with the
SPC563MXX device.
Suggested: at system level some countermeasures have to be placed in order to bring the
safety-critical outputs to their safe state (e.g., by pull-up or pull-down resistors).
It should be noted that the failure rates of external components are not included in FMEDA
of the SPC563Mxx device and have to be included in the system FMEDA by the user
himself.
3.1
External Watchdog function (EXWD)
Suggested: [covers: SW_EXT_SWT] an external low-cost device, acting as system
supervisor, provides also a watchdog to cover complete failures of the SPC563Mxx device
for safety applications. It is triggered periodically by the SPC563Mxx device. [end]
Rationale: to detect CCF as a complete failure of the device.
Some common causes of failure (e.g., failure on power supply) are detected because the
software no longer triggers the watchdog.
If a failure is detected, the EXWD moves, and maintains, the system (ECU level) to a Safe
state condition within the FTTI (e.g., the EXWD disconnects from the power supply the
SPC563Mxx device).
The user can choose how to implement the watchdog communication between the
SPC563Mxx device and the external device (for example, communication via serial link or
via toggling pin).
3.2
Power Supply Monitor function (PSM)
The SPC563Mxx device embeds LVI for all internal supplies. Latent failures impacting these
LVIs can’t be detected.
Suggested: [covers: SW_EXT_SUPPLY_MON] an external low-cost device, acting as
system supervisor, is provided also over-/under-voltage monitor for the SPC563Mxx on all
supplies available externally. [end]
Rationale: to ensure voltage power supply is within the defined operating range.
If the voltage power supply is out of the defined operating range, the PSM moves, and
maintains, the system (ECU level) to a Safe state condition within the FTTI (e.g., the PSM
disconnects from the power supply the SPC563Mxx device).
For the voltage power supply operating range, please refer to the SPC563MXX device data
sheet.
It should be noted that an over voltage outside the specified range may cause permanent
damage to the SPC563Mxx device even if kept in reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com