Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4475 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4475
Description  Safety Application Guide for SPC563Mxx family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4475 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4475 Datasheet HTML 10Page - STMicroelectronics AN4475 Datasheet HTML 11Page - STMicroelectronics AN4475 Datasheet HTML 12Page - STMicroelectronics AN4475 Datasheet HTML 13Page - STMicroelectronics AN4475 Datasheet HTML 14Page - STMicroelectronics AN4475 Datasheet HTML 15Page - STMicroelectronics AN4475 Datasheet HTML 16Page - STMicroelectronics AN4475 Datasheet HTML 17Page - STMicroelectronics AN4475 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
DocID026216 Rev 1
15/27
AN4475
Functional safety requirements for application software
26
2.10.2
Additional mechanisms
The two analog-to-digital converter macro-cells share the same digital interface. To increase
the diagnostic coverage against failures impacting this common logic, some additional
counter measures can be developed. For example:
•
Oversampling;
•
Plausibility check.
Suggested: [covers: SW_OVERSAMPLING_AN_INPUT] the analog inputs are acquired
redundantly in time. [end]
Rationale: to increase the diagnostic coverage.
Implementation hint: the sampling rate is significantly higher than the Nyquist Frequency
related to the input signal. The acquired values are compared by software in order to verify
the correlation. In case of fault, the acquired values are not correlated with themselves.
Against random faults, at least three consecutive analog values are acquired for each
analog input.
2.11
Temperature sensor
SPC563Mxx devices are equipped with a temperature sensor in order to monitor the device
temperature. This temperature sensor generates a voltage that increases linearly with
temperature and that can be read by software using the on-board eQADC module, so the
read value can be used with the band-gap voltage and constants stored in flash memory
during factory test to calculate device junction temperature.
Suggested: the temperature sensor output voltage is read by software and the
corresponding temperature is compared with the upper limit of the operating range. In case
an over-temperature fault is detected, the device is set to a safe state. This check runs once
per FTTI.
Rationale: to detect over-temperature faults.
Implementation hint: to set the proper operating range threshold, the temperature sensor
accuracy of 10° C and the maximum operating junction temperature of 150 °C (see device
data sheet,Chapter Appendix B: Document references) are considered.
Note:
External temperature sensor could be used to check internal temperature sensor output.
2.12
Software Watchdog Timer (SWT)
Suggested: [covers: HW_INT_SWT] SWT module is used to implement control flow
monitoring function. The SWT is clocked by oscillator clock. These specific software
countermeasures can run once after the Power-On Reset (POR) before the safety function
starts. [end] However, other control flow monitoring approaches that do not use the SWT
may also be used. SPC563Mxx devices provide the hardware support (SWT) to implement
both control flow monitoring and temporal flow monitoring methods.
Rationale: to detect a defective program sequence.
Implementation hint: SWT can be enabled asserting the bit SWT_MCR[WEN] and the
configuration registers can be hard-locked asserting the bit SWT_MCR[HLK]. The timeout
register (SWT_TO) must contain a 32-bit value that represents a timeout less than the FTTI.
Before the safety function is executed, software must verify that the SWT is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com