Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4475 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4475
Description  Safety Application Guide for SPC563Mxx family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4475 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4475 Datasheet HTML 8Page - STMicroelectronics AN4475 Datasheet HTML 9Page - STMicroelectronics AN4475 Datasheet HTML 10Page - STMicroelectronics AN4475 Datasheet HTML 11Page - STMicroelectronics AN4475 Datasheet HTML 12Page - STMicroelectronics AN4475 Datasheet HTML 13Page - STMicroelectronics AN4475 Datasheet HTML 14Page - STMicroelectronics AN4475 Datasheet HTML 15Page - STMicroelectronics AN4475 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
DocID026216 Rev 1
13/27
AN4475
Functional safety requirements for application software
26
Figure 1. Block scheme of external/internal read-back
Single write PWM output with read-back
Implementation hint: Two pins are used to implement this function. One pin to generate
the PWM output and another pin to read-back this PWM to check its integrity. Each single
write with read-back can be implemented using pads configured as eMIOS200 channel by
the SIU unit and configured as PWM by eMIOS200 module. PWM set of data (duty cycle
and period) is applied by software. The read-back is done using the external configuration or
the internal. SIU pads is configured as follows:
•
External read-back: one SIU pad is configured as eMIOS200 channel by the SIU unit
and configured with input capture feature by eMIOS200 module to allow read-back of
the output written on the output pad. The loop-back is done with an external connection
outside the device. In case of External read-back, the two selected pads are not
physically adjacent;
•
Internal read-back(e): one SIU pad is configured as eMIOS200 channel by the SIU unit
and configured with input capture feature by eMIOS200 module to allow read-back of
the output write on the selected pad. The loop-back is done via an internal read path.
The two selected pads are not physically adjacent to minimize CCFs. SIU pads can be
configured via the relevant pad configuration registers (PCRn). eTPU2 channels instead of
eMIOS200 channels can be used.
Double Write PWM Outputs
Implementation hint: Each double write can be implemented using two pads configured as
eMIOS200 channel by the SIU unit and configured as PWM by eMIOS200 module. PWM
e.
Internal read back does not cover package faults (e.g. wire bond). Refer to the specific reference manual to
verify the availability of the internal read path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com