Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2503 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2503
Description  PDP Power Devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2503 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2503 Datasheet HTML 4Page - STMicroelectronics AN2503 Datasheet HTML 5Page - STMicroelectronics AN2503 Datasheet HTML 6Page - STMicroelectronics AN2503 Datasheet HTML 7Page - STMicroelectronics AN2503 Datasheet HTML 8Page - STMicroelectronics AN2503 Datasheet HTML 9Page - STMicroelectronics AN2503 Datasheet HTML 10Page - STMicroelectronics AN2503 Datasheet HTML 11Page - STMicroelectronics AN2503 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
PDP basic
AN2503
8/30
threshold voltage for discharge, and consequently, during sustain phase only selected cells
ignite and emit light.
2.3
PDP driving sequence
The most common method of displaying one picture field is using the Address Display-
Separation method (ASD).
All X electrodes are bused together and connected to a sustain driver, while the Y
electrodes are connected to sustain driver through several scan ICs. One TV field is divided
into 10 subfields (SFs) in a 10-bit codification case, and each consists of a reset period, an
address period, and a display period (Figure 9).
On every subfield, each cell is addressed, sustained and erased.
Figure 9.
Subfield structure
During the reset period a slow ramping positive voltage up to 400 V followed by slow
ramping negative voltage down to -150 V is applied across the X and Y electrodes to put out
ionization and to set an identical initial condition for all the panel cells. In the address period,
the Y electrodes receive scan pulses, along with data pulses on the address electrodes, in
order to control wall charges in appropriate cells according to the image to be displayed.
Note that reset period and address period have the same duration in each subfield, only the
number of sustain pulses varies among different subfields.
During sustain period, selected cells are sustained in order to display the whole image on
the panel. Gray scales are expressed by using the binary-coded light-emission-period
method. The display periods are filled with trains of constant width and constant period
pulses, and their lengths are arranged according to the binary sequence, 1: 2: 4: 8: 16: 32:
64: 128: 256: 512. Therefore, gray levels of 210 for each color (R, G, and B) can be
expressed with an 10-bit sequence. This means that each color element has 1024 color
possible graduations and each pixel has 1024 x 1024 x 1024 = 1 billion colors. Figure 10
shows a simplified 8-bit system with 8 subfields. The subfields are weighted according to
their binary values and a typical TV field is 1/50 of a second.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com