Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2503 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2503
Description  PDP Power Devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2503 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2503 Datasheet HTML 8Page - STMicroelectronics AN2503 Datasheet HTML 9Page - STMicroelectronics AN2503 Datasheet HTML 10Page - STMicroelectronics AN2503 Datasheet HTML 11Page - STMicroelectronics AN2503 Datasheet HTML 12Page - STMicroelectronics AN2503 Datasheet HTML 13Page - STMicroelectronics AN2503 Datasheet HTML 14Page - STMicroelectronics AN2503 Datasheet HTML 15Page - STMicroelectronics AN2503 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
PDP Sustain circuit
AN2503
12/30
3.1
Sustain circuit operations
Sustain circuit operations describe the way to generate a square waveform on the panel
capacitor. This section describes how to charge and discharge the panel capacitor in order
to perform the sustain phase.
3.1.1
Positive pulse of Vyx
After the reset period, we can suppose that all cells on the panel have been already
addressed during the address period. This means that the cells to be displayed have
accumulated enough wall charge to be ignited, due to cell memory effect. We can assume
also that CS1 and CS2 have already their steady state voltage value, this means they have
initial voltage of Vs/2 from previous sustain cycles.
In order to produce a positive voltage across the panel (Vyx positive), T1, T5, T6 and T10
are turned ON and D1 is forward biased. CS1 charges and raises the voltage across the
panel capacitor Cp in a resonant way. This step is a part of the energy recovery phase since
it recovers the energy stored in the capacitor CS1 from previous sustain cycles back to the
panel.
Figure 13.
Circuit scheme – positive pulse of Vyx
The equivalent circuit during the LC resonant period of the energy recovery circuit is:
Figure 14.
Equivalent circuit
In Figure 14, R represents the parasitic resistance including on-resistances of switches and
VON represents the diode forward drop. Based on this figure, the panel voltage Vyx can be
obtained as follows:
Equation 2
Vs
Vs
Vs
Vset
L7
T9
T10
T8
T12
T11
-Vreset
Cp
CS1
CS2
L1
D7
D8
D6
D5
T7
D1
Vs
T3
T2
T1
T4
T6
T5
D2
D4
D3
V
yx
V
s
2
------
V
ON
–
⎝⎠
⎛⎞ 1e
t
τ
---
–
ωt
cos
R
ωL
------
ωt
sin
+
⎝⎠
⎛⎞
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com