Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2503 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2503
Description  PDP Power Devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2503 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2503 Datasheet HTML 16Page - STMicroelectronics AN2503 Datasheet HTML 17Page - STMicroelectronics AN2503 Datasheet HTML 18Page - STMicroelectronics AN2503 Datasheet HTML 19Page - STMicroelectronics AN2503 Datasheet HTML 20Page - STMicroelectronics AN2503 Datasheet HTML 21Page - STMicroelectronics AN2503 Datasheet HTML 22Page - STMicroelectronics AN2503 Datasheet HTML 23Page - STMicroelectronics AN2503 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
PDP Power Devices characteristics
AN2503
20/30
●
Clamping diodes STTH2003, STTH1003
Diodes D2, D4, D6, and D8 provide additional protection to clamp the voltage on the
inductors [8], [9]. Overvoltage is due to ER diodes reverse current that store energy in the
inductors. The fact that reverse current IRM of ERC diodes stores energy in the inductors
(and can cause overvoltage if we do not use clamping diodes D2, D4, D6, and D8),
demonstrates that the IRM in ERC diodes is a key parameter to take into account. In fact,
IRM causes power losses both in Clamping diodes and Discharge switches.
●
Energy recovery MOSFET ST75N20
T1, T2, T11, and T12 are the power switches used in the Energy recovery circuit. Due to the
reactive nature of the load, the voltage across the power switch falls rapidly followed by a
rapid rise in the current. This explains why a fast turn-ON is needed, and low conduction
losses (low drop) can be achieved only reducing the RDSON. The STW75N20 Power
MOSFET in proprietary STripFETTM technology, thanks to its low RDSON and low gate
charge is perfectly tailored for the application [9.].
4.1.3
Discharge section
When the panel discharges, a sinusoidal shaped current will go through the discharge
switches. The current could reach a peak value higher than 120 A in worst condition (full
white screen), thus low RDSON and fast turn-ON are required.
Maximum voltage stress for discharge circuit is Vs = 200 V
●
Discharge MOSFET STW52NK25Z
The STW52NK25Z Power MOSFET in property superMESHTM technology, and due to its
low RDSON and low gate charge is perfectly tailored on the application [10.].
4.1.4
Path section
For Path circuit, MOSFET is the preferred device since this circuit is required to conduct
current in both directions. The switching frequency is low, and the RMS current through this
Table 4.
Clamping diodes features
P/N
IF [A]
VRRM [V] Trr [ns]
Tj[C]
VF[V]
Package
STTH1003
10
300
13
175
0.9
DPAK, TO-220FP, D2PAK
STTH2003
2x10
300
35
175
1
DPAK, TO-220FP, D2PAK, TO220
Table 5.
ERC MOSFET features
P/N
VDSS [V]
RDSON[Ω] ID/IDMAX [A]
P [W]
Package
ST75N20
200
0.028
75/300
300
TO-247, TO-220, D2PAK
Table 6.
Sustain MOSFET features
P/N
VDSS [V]
RDSON[Ω] ID/IDMAX [A]
P [W]
Package
P/N
STW52NK25Z
250
0.033
52/208
300
TO-247
STW52NK25Z
STW54NK30Z
300
0.060
54/200
300
TO-247
STW54NK30Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com