Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2503 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2503
Description  PDP Power Devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2503 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2503 Datasheet HTML 6Page - STMicroelectronics AN2503 Datasheet HTML 7Page - STMicroelectronics AN2503 Datasheet HTML 8Page - STMicroelectronics AN2503 Datasheet HTML 9Page - STMicroelectronics AN2503 Datasheet HTML 10Page - STMicroelectronics AN2503 Datasheet HTML 11Page - STMicroelectronics AN2503 Datasheet HTML 12Page - STMicroelectronics AN2503 Datasheet HTML 13Page - STMicroelectronics AN2503 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
PDP Sustain circuit
AN2503
10/30
Conventional sustain circuit (half bridge topology) drives the panel directly, and thus
1/2CPVS
2 f
av is dissipated in the sustainer when the panel is subsequently discharged to
ground.
In a complete sustain cycle, each side of the panel is charged to Vs and subsequently
discharged to ground. Therefore, a total of 2CPVS
2 f
av is dissipated in a complete sustain
cycle.
Figure 11.
Sustain circuit
The power dissipation in the sustainer is then 2CPVS
2 f
av, where fav is the average sustain
cycle frequency.
For Cp=80 nF, Vs =200 V, and fav = 100 kHz, the power dissipation in the sustainer, resulting
from driving the capacitance of the panel, could be as high as 640 W.
If an inductor is placed in series with the panel, then Cp can be charged and discharged
through the inductor. This would ideally result in zero power dissipation since the inductor
would store all of the energy otherwise lost in the output resistance of the sustainer and
transfer it to or from Cp. However, switching devices are needed to control the flow of energy
to and from the inductor, as Cp is charged and discharged, respectively, and this leads to
power losses.
The "ON" resistance, output capacitance, and switching transition time are characteristics of
these switching devices that can result in significant energy loss. The amount of energy that
is actually lost due to these characteristics, and hence the efficiency, is determined largely
by how well the circuit is designed to minimize these losses. In addition to charging and
discharging Cp, the sustainer must also supply the large gas discharge current for the
plasma panel. This current, I, is proportional to the number of pixels that are "ON" in the
same TV frame. The resulting instantaneous power dissipation is I2R, where R is the output
resistance of the sustainer. Thus, the power dissipation due to the discharge current is
proportional to I2, or the square of the number of pixels that are simultaneously "ON".
There are two ways to minimize this dissipation. The first is to reduce the output resistance
of the sustainer by using very low resistance output drivers, and the second is to minimize
the number of pixels that are "ON" at any time.
The switching power losses due to the panel capacitance during sustain period in AC PDP
driving system can be minimized using a specific energy recovery circuit. The most common
sustain/energy recovery circuit topology refers to Weber topology (Figure 12).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com