| Electronic Components Datasheet Search |
|
AN2503 Datasheet(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2503 Datasheet(HTML) 14 Page - STMicroelectronics |
|
14 / 30 page ![]() PDP Sustain circuit AN2503 14/30 The discharge current has also a sinusoidal profile, and is conducted by T3, T6, T5, Cp, and T10. Once the panel is charged to Vs and visible light is emitted, current stops flowing and the gas inside the glass stops ionizing. (Note that the use of IGBTs in the discharge section requires extra care; indeed power devices requires freewheeling diodes to carry reverse current due to the tank circuit formed between the panel capacitor Cp, L1 and the bus capacitance). At this time D1 is reverse biased and its reverse current charges the inductance L1. The energy stored in the inductance is removed through the clamping current, and the clamping current path is carried out by T3, D3, and D2. In this phase the reverse current of D1 is a key parameter in power loss reduction. In fact, a lower clamping current means lower conduction losses in T3, D2 and D3. Depending on the topology used, and in particular the clamping diode's position, the time spent to evacuate the energy stored in the inductance can vary significantly. 3.1.3 Vyx back to zero The next phase consists of bringing back to zero the panel capacitor voltage and reverse the polarity of the voltage across Y-X electrodes. In order to efficiently decrease the voltage on the panel capacitor, the energy stored in Cp could be recovered back in the recovery capacitor CS1.This can be done by turning ON T2, T6, T5, and T10. The current path is shown in Figure 16. This current stops flowing when the voltage across the panel capacitance Vyx and CS1 reach the same value (Vs/2). The profile of this current is half sinusoidal and its direction is from the panel Cp back to CS1. Figure 16. Circuit scheme – Vyx back to zero 3.1.4 Clamping to ground In order to bring completely to zero the panel capacitance, T10, T5, T6, and T4 are turned ON, creating a current path across the panel through the equivalent resistances of power devices and parasitic elements of the circuit. Vs Vs Vs Vset L7 T9 T10 T8 T12 T11 -Vreset Cp CS1 CS2 L1 D7 D8 D6 D5 T7 D1 Vs T3 T2 T1 T4 T6 T5 D2 D4 D3 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |