Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2503 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2503
Description  PDP Power Devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2503 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2503 Datasheet HTML 13Page - STMicroelectronics AN2503 Datasheet HTML 14Page - STMicroelectronics AN2503 Datasheet HTML 15Page - STMicroelectronics AN2503 Datasheet HTML 16Page - STMicroelectronics AN2503 Datasheet HTML 17Page - STMicroelectronics AN2503 Datasheet HTML 18Page - STMicroelectronics AN2503 Datasheet HTML 19Page - STMicroelectronics AN2503 Datasheet HTML 20Page - STMicroelectronics AN2503 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
AN2503
PDP Power Devices characteristics
17/30
Figure 22.
Circuit scheme – set and reset
4
PDP Power Devices characteristics
A clear idea of circuit operation will help us to highlight the main features of the devices
involved. In particular the analysis can be split in power devices analysis and driving devices
analysis, in order to address specific characteristics of each device.
4.1
Power devices from ST
Power devices in PDP have common characteristics that range from high peak current
capability and low forward voltage drop to fast turn-ON capability. The current both in the
Energy Recovery Circuit (ERC) and in the Discharge Circuit (DC) follows a half sinusoidal
pattern. ERC and DC could be simply classified as soft switching converters. In fact, the
circuit can be considered as a series resonant LCR circuit, so the current at turn-ON is zero
(zero current switching) and the voltage at turn-OFF is zero (zero voltage switching).
Since a MOSFET has an intrinsic body diode across it, a MOSFET does not require an anti-
parallel diode when selected as power devices on the discharge circuit, while an IGBT
needs a specific freewheeling diode. For ER circuit, the Power Switch does not require an
anti-parallel diode since reverse current is blocked by the diodes in series with the devices
(D1, D3, D5 and D7), thus MOSFET or IGBT can be used as power devices on the ER
circuit.
Diodes D2, D4, D6 and D8 provide additional protection clamping the voltage on the
inductors avoiding damage to devices on the ER circuit.
Path circuit has to carry both ER and Discharge currents, thus it is required to have very low
voltage drop. It can be noted that during ER and Discharge cycles, the pass circuit remains
on. The Path circuit switches on and off only during reset period which happens at the end
of each subfield, which means that the maximum frequency is in the range of 1 kHz. The
Path circuit is a bidirectional circuit, so a MOSFET, that can carry current in both directions,
could be used for this circuit.
ST has a broad range of products covering the power section ranging from MOSFET and
IGBT to dedicated Diodes.
Vs
Vs
Vs
Vset
L7
T9
T10
T8
T12
T11
-Vres
et
Cp
CS1
CS2
L1
D7
D8
D6
D5
T7
D1
Vs
T3
T2
T1
T4
T6
T5
D2
D4
D3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com