Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2503 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN2503
Description  PDP Power Devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2503 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN2503 Datasheet HTML 20Page - STMicroelectronics AN2503 Datasheet HTML 21Page - STMicroelectronics AN2503 Datasheet HTML 22Page - STMicroelectronics AN2503 Datasheet HTML 23Page - STMicroelectronics AN2503 Datasheet HTML 24Page - STMicroelectronics AN2503 Datasheet HTML 25Page - STMicroelectronics AN2503 Datasheet HTML 26Page - STMicroelectronics AN2503 Datasheet HTML 27Page - STMicroelectronics AN2503 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
PDP Power Devices characteristics
AN2503
24/30
resulting in low losses in high frequency applications. The STS01DTP06 offers a 30 V NPN
and PNP combination supporting a continuous collector current of 3 A and the minimum
gain of the two transistors is 100 at 1 A collector current. The transistor elements are fully
independent so that higher assembly flexibility is guaranteed. Concerning PDPs, this means
that the turn-ON and the turn-OFF resistors could be different.
Figure 26.
STS01DTP06 Totem pole
The STS01DTP06 main features are summarized in Table 10:
4.4
Input buffer section
The 74VHCT541 is an advanced high-speed CMOS OCTAL BUS BUFFER (3-STATE)
fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology,
available in TSSOP package [22.].
In order to enhance PC board layout, the 74VHCT541 offers a pin-out having inputs and
outputs on opposite sides of the package. The device is characterized by high speed and
low power dissipation. Power down protection is provided on all inputs and 0 to 7 V can be
accepted on inputs with no regard to the supply voltage. This device can be used to
interface 5 V to 3 V. All inputs and outputs are equipped with protection circuits against static
discharge, giving them 2KV ESD immunity and transient excess voltage.
Table 10.
STS01DTP06 Features
Part number
VCEO[V]
Ic[A]
Ptot[W]
hFEmin
VCE(sat)@ MAX [V]
Ic[A] IB[mA]
NPN
PNP
STS01DTP06
30
3
1.6
100
0.7
2
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com