Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN938 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN938
Description  The L4973 family is a 3.5 A monolithic DC-DC converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN938 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN938 Datasheet HTML 5Page - STMicroelectronics AN938 Datasheet HTML 6Page - STMicroelectronics AN938 Datasheet HTML 7Page - STMicroelectronics AN938 Datasheet HTML 8Page - STMicroelectronics AN938 Datasheet HTML 9Page - STMicroelectronics AN938 Datasheet HTML 10Page - STMicroelectronics AN938 Datasheet HTML 11Page - STMicroelectronics AN938 Datasheet HTML 12Page - STMicroelectronics AN938 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
AN938
Power supply, UVLO and voltage reference
Doc ID 5410 Rev 10
9/33
In fact, the slope of the ramp is modulated by the input ripple voltage, generally present in
the order of some tenths of a volt, for both offline and DC-DC converters using mains
transformers.
The charge and discharge time is approximately equal to:
Equation 3
The maximum duty cycle is a function of Tch, Tdis and an internal delay and is represented
by the equation below:
Equation 4
which is represented in Figure 9.
2.2
Current protection
The L4973 has two current limiting functions: pulse-by-pulse and hiccup modes.
Increasing the output current to the pulse-by-pulse current limiting threshold (Ith1 typ. value
of 4.5 A), the controller reduces the on-time to the value of TB = 300 ns (the blanking time at
which the current limiting protection does not trigger). This minimum time is necessary to
avoid undesirable intervention of the protection due to the spike current generated during
the recovery time of the freewheeling diode.
Tch
R
osc
C
osc
⋅
In
6
5
---
⎝⎠
⎛⎞
⋅
=
Tdis
100 C
osc
⋅
=
Dmax
R
osc
C
osc
In
6
5
---
⎝⎠
⎛⎞
80 10
9
–
⋅
–
⋅⋅
R
osc
C
osc
In
6
5
---
⎝⎠
⎛⎞
100 C
osc
⋅
+
⋅⋅
----------------------------------------------------------------------------------
=
Figure 9.
Vo-Io output characteristics -
hiccup protection limits output
power
Figure 10.
Vo-Io output characteristics -
effective pulse-by-pulse protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com