Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN938 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN938
Description  The L4973 family is a 3.5 A monolithic DC-DC converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN938 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN938 Datasheet HTML 7Page - STMicroelectronics AN938 Datasheet HTML 8Page - STMicroelectronics AN938 Datasheet HTML 9Page - STMicroelectronics AN938 Datasheet HTML 10Page - STMicroelectronics AN938 Datasheet HTML 11Page - STMicroelectronics AN938 Datasheet HTML 12Page - STMicroelectronics AN938 Datasheet HTML 13Page - STMicroelectronics AN938 Datasheet HTML 14Page - STMicroelectronics AN938 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
AN938
Power supply, UVLO and voltage reference
Doc ID 5410 Rev 10
11/33
In the pulse-by-pulse intervention (point A) the output voltage drops because of the Ton
reduction, and the current is almost constant. However, in short-circuit, the current is only
limited by the series resistances RD and RL (see relation above) and could reach the hiccup
threshold (point B), set 20% higher than the pulse-by-pulse. Once the hiccup mode current
protection is triggered the output current decreases dramatically at very low values (point C)
even in short-circuit.
Figure 11 shows the internal current limiting circuitry. Vth1 is the pulse-by-pulse while Vth2
is the hiccup threshold.
The sense resistor is in series with a small mos implemented as a partition of the main
DMOS.
The Vth2 comparator (20% higher than Vth1) sets the soft-start latch, initializing the
discharge of the soft-start capacitor at constant current (about 22 µA).
When the valley comparator reaches about 0.4V, it resets the soft-start latch, restarting a
new soft-start recharging cycle.
Figure 12 shows the typical waveforms of the current in the output inductor and the soft-start
voltage (pin 17).
During the recharging of the soft-start capacitor, Ton increases gradually and, if the short-
circuit is still present, when Ton>TB and the output peak current reaches the threshold, the
hiccup protection intervenes again. So, the value of the soft-start capacitor must not be too
high (in this case Ton increases slowly thus taking more time to reach the TB value) in order
to avoid that during the soft-start slope the current exceeds the limit before activation of the
protection.
Figure 13 and 14 show the maximum allowed soft-start capacitor value as a function of the
input voltage, inductor value and switching frequency.
A minimum value of the soft-start capacitance is necessary to guarantee, in short-circuit, the
functionality of the current limiting circuitry. In fact, with an insufficient capacitor, the
frequency of the current peaks (see Figure 11) is high and the mean current value in short-
circuit increases.
Figure 13.
Maximum soft-start capacitance
with fSW = 100 kHz
Figure 14.
Maximum soft-start capacitance
with fSW = 200 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com