Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN938 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN938
Description  The L4973 family is a 3.5 A monolithic DC-DC converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN938 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN938 Datasheet HTML 16Page - STMicroelectronics AN938 Datasheet HTML 17Page - STMicroelectronics AN938 Datasheet HTML 18Page - STMicroelectronics AN938 Datasheet HTML 19Page - STMicroelectronics AN938 Datasheet HTML 20Page - STMicroelectronics AN938 Datasheet HTML 21Page - STMicroelectronics AN938 Datasheet HTML 22Page - STMicroelectronics AN938 Datasheet HTML 23Page - STMicroelectronics AN938 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Typical application
AN938
20/33
Doc ID 5410 Rev 10
The 68 µH value of the selected inductor is useful to keep the current ripple below 0.3*ILOAD
over the input / output voltage range.
3.5
Output capacitors
The output capacitors selection, Co, is mainly driven by the output ripple voltage that has to
be guaranteed, in this case 1% max. of Vo.
The output ripple is defined by the ESR of Co and by the ripple current flowing through it.
The chosen total capacitance is 2 x 150 µF/35 V KY (Nippon Chemi-con), each of which has
an ESR of 150 m
Ω at 20°C. The ideal ripple voltage over the input voltage range is shown in
Figure 28.
Figure 28.
Ideal ripple voltage as a function of input and output voltage (fSW=150
kHz)
Figure 26.
Ideal inductor value requested for
30% ripple current, as a function of
max. input voltage and output
(fSW=150 kHz)
Figure 27.
Ideal inductor value requested for
30% ripple current, as a function of
max. input voltage and output
(fSW=200 kHz)
AM03510v1
10
15
20
25
30
354045
10
15
20
25
30
35
40
45
50
55
60
Vout = 1.5 V
Vout = 2.5 V
Vout = 3.3 V
Vout = 5 V
Vout = 12 V
51 mV
Vin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com