Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN938 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN938
Description  The L4973 family is a 3.5 A monolithic DC-DC converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN938 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN938 Datasheet HTML 25Page - STMicroelectronics AN938 Datasheet HTML 26Page - STMicroelectronics AN938 Datasheet HTML 27Page - STMicroelectronics AN938 Datasheet HTML 28Page - STMicroelectronics AN938 Datasheet HTML 29Page - STMicroelectronics AN938 Datasheet HTML 30Page - STMicroelectronics AN938 Datasheet HTML 31Page - STMicroelectronics AN938 Datasheet HTML 32Page - STMicroelectronics AN938 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
AN938
Applications
Doc ID 5410 Rev 10
31/33
In inverting buck-boost topology the lower voltage rail of the device floats with the negative
output voltage. The voltage applied to the device is equal to (VIN + |VOUT|) whose upper limit
is given by the maximum input voltage range of the device (55 V).
Figure 42.
Negative output voltage
4.6
Negative boost converter
Figure 43 shows how to stabilize a negative output voltage higher than negative input
voltage.
Figure 43.
Negative boost converter.
AM03524v1
L4973
VCC
-Vo
L
2,3
9
ROSC
CIN1
CIN
CBOOT
COUT
R1
R2
COSC
CSS
D
7,8
Rc
Cc
12
11
4,5,6
13,14,15
17
1
VCCMax = 55 -⏐VO⏐
VFB
AM03525v1
L4973
-VCC
VCC
GND
VFB
R1
R2
8V
≤|V
OUT|≤55V
OUT
L
OSC
D
CIN
ROSC
COSC
CBOOT
COUT
2,3
12
7,8
|VCC|<|VOUT|



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com