Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN938 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN938
Description  The L4973 family is a 3.5 A monolithic DC-DC converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN938 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN938 Datasheet HTML 10Page - STMicroelectronics AN938 Datasheet HTML 11Page - STMicroelectronics AN938 Datasheet HTML 12Page - STMicroelectronics AN938 Datasheet HTML 13Page - STMicroelectronics AN938 Datasheet HTML 14Page - STMicroelectronics AN938 Datasheet HTML 15Page - STMicroelectronics AN938 Datasheet HTML 16Page - STMicroelectronics AN938 Datasheet HTML 17Page - STMicroelectronics AN938 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Power supply, UVLO and voltage reference
AN938
14/33
Doc ID 5410 Rev 10
2.6
Output overvoltage protection (OVP)
The overvoltage protection uses an embedded comparator that monitors the voltage of the
FB voltage.
As the reference of the OVP comparator is 8% higher than that of the error amplifier, the
protection is triggered when the output voltage is:
Equation 7
where Ra, Rb represent the voltage divider to set the nominal output voltage.
2.7
Power stage
The embedded power element is an N-channel DMOS transistor with a Vdss in excess of
60 V and typ RDS(on) of 150 mΩ (measured at the device pins).
The low RDS(on) value of the power power element minimizes the conduction losses.
2.8
Turn-on
The gate driver circuitry of the L4973D implements solutions to minimize the switching
losses.
This is typically done by increasing the rise time of the switching node in order to reduce the
crossing losses.
The reverse recovery charge of the external diode (Qrr) which is proportional to the current
slew rate does not make it convenient to increase the di/dt in the embedded power element
over 100 A/µsec. In fact the extra current at turn-on decreases system efficiency/reliability
and increases EMI.
Figure 18.
Turn-on and turn-off (pin 2, 3)
V
OVP
1.08 V
fB
Ra
Rb
+
()
Rb
---------------------------
⋅⋅
=
AM03500v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com