Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN938 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN938
Description  The L4973 family is a 3.5 A monolithic DC-DC converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN938 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN938 Datasheet HTML 25Page - STMicroelectronics AN938 Datasheet HTML 26Page - STMicroelectronics AN938 Datasheet HTML 27Page - STMicroelectronics AN938 Datasheet HTML 28Page - STMicroelectronics AN938 Datasheet HTML 29Page - STMicroelectronics AN938 Datasheet HTML 30Page - STMicroelectronics AN938 Datasheet HTML 31Page - STMicroelectronics AN938 Datasheet HTML 32Page - STMicroelectronics AN938 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
Applications
AN938
30/33
Doc ID 5410 Rev 10
4.4
Current generator
Sometimes the application specifications requires generating constant current, fixed or
adjustable, for chemical processes, lamp powering, or battery chargers for lead acids, ni-cd
and ni-me-hyd batteries.
We give one suggestion for obtaining an accurate constant current generator.
The schematic in Figure 41 shows a simple solution for constant or variable current
generator, with good accuracy of the current, using a simple op/amp supplied by the 5.1 V
available reference voltage.The threshold current is fixed by the voltage divider connected to
the n.i. input op/amp, at about 100 mV. This is also the maximum voltage dropping on the
current sense resistor Rs. Adjusting the 4.7 kΩ, the threshold can be easily changed.
The formula to set the output current is:
Equation 24
Figure 41.
Constant current generator up to 3.5 A
4.5
From positive input to negative output
Figure 42 shows how to obtain a -12 V, when only a positive supply is available.
The maximum output current is given by the formula Iout = 3.5 × (1-D) according to the
relation for the buck-boost topology.
This negative output has to show good precision, stability and regulation, and it must be
protected from output short-circuit.
With the suggested application schematic, one of the aims is to guarantee the performance
as specified above and to contribute to the simplification of the power transformer, mains or
high frequency.
I
o
5.1 R
2
⋅
R
1
R
2
⋅
() R
s
⋅
-----------------------------------
=
AM03523v1
E/A
+
-
OUTPUT
STAGE
140
μH
6V to 12V/2A
13V<Vin<45V
PWM
5.1
LM358
+
-
1
μF1μF
R1 4.7K
100nF
100
R2 100
55m
Ω
Rs
V+
STPS
745D
220
μF
470
μF
7,8
111
4,5,6
13,14,15
16
17
12
2,3
5.1K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com