Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN938 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN938
Description  The L4973 family is a 3.5 A monolithic DC-DC converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN938 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN938 Datasheet HTML 12Page - STMicroelectronics AN938 Datasheet HTML 13Page - STMicroelectronics AN938 Datasheet HTML 14Page - STMicroelectronics AN938 Datasheet HTML 15Page - STMicroelectronics AN938 Datasheet HTML 16Page - STMicroelectronics AN938 Datasheet HTML 17Page - STMicroelectronics AN938 Datasheet HTML 18Page - STMicroelectronics AN938 Datasheet HTML 19Page - STMicroelectronics AN938 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
Power supply, UVLO and voltage reference
AN938
16/33
Doc ID 5410 Rev 10
Figure 21.
Re-start output voltage when inhibit goes low (Css = 56 nF)
2.9
Turn-off
The turn-off behavior is shown in Figure 18.
Figure 19 shows the details of the internal power stage and driver. The request for turn-off
of the power switch S occurs at Q2.
2.9.1
Synchronization function
The device is able to synchronize other L4973 devices (up to 6).
Moreover, this function has been implemented to allow the device to operate as a master or
slave.
As a master, it’s able to source a current of 3 mA min at 4.5 V min. As a slave, it requires a
maximum current of 0.45 mA and a minimum pulse width of about 350 ns.
Figure 20 shows the typical synchronization waveforms when the device is used as slave
and as master.
2.9.2
Inhibit function
The inhibit pin is active high. An internal current source ties this pin to VCC in case of
disconnection, disabling the device.
In disabled state, Vinh = 5 V, the device quickly discharges the soft-start capacitor, also
switches off the reference voltage which limits the power consumption to a leakage value
only (at 24 V, about 100 µA).
Figure 21 shows the device behavior when the inhibit pin goes low. The soft-start capacitor
is linearly recharged, and the output voltage rises until the nominal value.
AM03503v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com