Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN938 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN938
Description  The L4973 family is a 3.5 A monolithic DC-DC converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN938 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN938 Datasheet HTML 23Page - STMicroelectronics AN938 Datasheet HTML 24Page - STMicroelectronics AN938 Datasheet HTML 25Page - STMicroelectronics AN938 Datasheet HTML 26Page - STMicroelectronics AN938 Datasheet HTML 27Page - STMicroelectronics AN938 Datasheet HTML 28Page - STMicroelectronics AN938 Datasheet HTML 29Page - STMicroelectronics AN938 Datasheet HTML 30Page - STMicroelectronics AN938 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
AN938
Applications
Doc ID 5410 Rev 10
27/33
4
Applications
4.1
Mains transformer power supply with output adjustable from
0 V to 24 V
Figure 37 shows a power supply including mains transformer working at 50 Hz 220Vac or 60
Hz 110Vac, bridge rectifier and filtering capacitor. The output voltage is adjustable from 0 to
24 V.
Figure 37.
Typical adjustable 0-24 V power supply
The formula to evaluate the output voltage is:
Equation 21
Figure 38 shows the formula plot in which it is possible to program the output voltage from 0
V to 24 V using a 10 k
Ω potentiometer as R4. R5 is fixed at 4.3 kΩ and R3 is 47 kΩ.
Output capacitors have to be chosen with low ESR to reduce the output ripple voltage and
load transients.
AM03519v1
L4973V3.3
C1
C2
R2
C7
C3
C4
C5
C6
R1
D1
L1
3 x
C0
C12
R3
47K
R4
10K
VO
C8
4,5,6
13,14,15
7,8
9
1
17
16
11
2,3
12
10
R5 4.3K
220VAC
28VAC
V
o
3.336
3.336
R3
R4
--------
R3
R5
--------
+
⎝⎠
⎛⎞
5.1
R3
R5
--------
⋅
–
⋅
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com