Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1317 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1317
Description  NON ISOLATED POWER SUPPLIES IN BUCK AND INVERTER CONFIGURATION USING VIPer20 DEVICE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1317 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1317 Datasheet HTML 2Page - STMicroelectronics AN1317 Datasheet HTML 3Page - STMicroelectronics AN1317 Datasheet HTML 4Page - STMicroelectronics AN1317 Datasheet HTML 5Page - STMicroelectronics AN1317 Datasheet HTML 6Page - STMicroelectronics AN1317 Datasheet HTML 7Page - STMicroelectronics AN1317 Datasheet HTML 8Page - STMicroelectronics AN1317 Datasheet HTML 9Page - STMicroelectronics AN1317 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6/23
AN1317 - APPLICATION NOTE
Figure 5: 2W typical single output not isolated power supply with Inverter topology
3. DESIGN METHODOLOGY
The schematic of either fig. 1 or fig. 5 can be separated into six blocks:
• The oscillator network composed by R1 and C3.
• The Buck or inverter structure, which is composed by the on chip MOSFET, the inductor L1, the free
wheeling diode D3 and the output filtering capacitor C5.
• The VIPer20 supply circuit, composed by D2 and C2.
• The front rectifier and filter.
• The error amplifier compensation network composed by R2 and C4.
All these functions will be detailed in the next paragraphs.
3.1 Switching Frequency And Duty Cycle
Sections 1 and 2 showed that the input voltage transformation is entirely managed by the VIPer20 which
controls the switching duty cycle. Whatever the topology is, the goal is to look for the widest load
regulation range, trying to reach the VIPer20 minimum turn on time (TONmin = 500 ns typ.) for the lowest
output load. For maximum load, although the VIPer20 is perfectly compatible from the continuous mode,
it must be avoided because the power dissipation in the free wheeling diode D3 would be too high and
the inductor size and price would increase. For all the above reasons, these topologies are operated at
13V
OSC
COMP
SOURCE
DRAIN
VDD
-
+
VIPer20
R2
3.9k
C4
100nF
R1
10k
C3
10nF
D1
1N4007
C1
22uF
400V
L1
470uH
D3
BYT01-400V
C5
33uF
16V
D2
BYT01-400V
C2
10uF
16V
AC IN
AC IN
-13V
GND OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com