Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1317 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN1317
Description  NON ISOLATED POWER SUPPLIES IN BUCK AND INVERTER CONFIGURATION USING VIPer20 DEVICE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1317 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN1317 Datasheet HTML 13Page - STMicroelectronics AN1317 Datasheet HTML 14Page - STMicroelectronics AN1317 Datasheet HTML 15Page - STMicroelectronics AN1317 Datasheet HTML 16Page - STMicroelectronics AN1317 Datasheet HTML 17Page - STMicroelectronics AN1317 Datasheet HTML 18Page - STMicroelectronics AN1317 Datasheet HTML 19Page - STMicroelectronics AN1317 Datasheet HTML 20Page - STMicroelectronics AN1317 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
17/23
AN1317 - APPLICATION NOTE
device). This situation is due to the fact that the minimum turn on of the device is not sufficiently short to
keep the drain current under control, especially because the inductor is saturated.
Figure 17: Buck non isolated - Inductor current in short circuit condition at Vin = 400 V
Nevertheless, the device is protected against such events and can be connected directly across the front
bulk capacitor charged at 400 V without any problem. This corresponds to the worst case of a saturated
transformer, which is never reached practically. Would it happen, the resulting power dissipation would
be limited by the thermal shutdown of the device.
Figure 18: Buck non isolated - Short circuit output current at Vin = 400 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com