Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1317 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN1317
Description  NON ISOLATED POWER SUPPLIES IN BUCK AND INVERTER CONFIGURATION USING VIPer20 DEVICE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1317 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN1317 Datasheet HTML 12Page - STMicroelectronics AN1317 Datasheet HTML 13Page - STMicroelectronics AN1317 Datasheet HTML 14Page - STMicroelectronics AN1317 Datasheet HTML 15Page - STMicroelectronics AN1317 Datasheet HTML 16Page - STMicroelectronics AN1317 Datasheet HTML 17Page - STMicroelectronics AN1317 Datasheet HTML 18Page - STMicroelectronics AN1317 Datasheet HTML 19Page - STMicroelectronics AN1317 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
16/23
AN1317 - APPLICATION NOTE
Figure 15: Typical efficiency of a Buck non isolated
Figure 16: Typical efficiency of an non isolated inverter
4.3 Short Circuit
Fig. 17 shows the inductor current when submitted to a short circuit on the output. It can be seen that this
current exceeds the current limitation of the VIPer20 (It is about 3 A for a limitation of 0.67 A for the
050
100
150
200
250
300
Iout (mA)
0%
10%
20%
30%
40%
50%
60%
70%
80%
Efficiency
Vin = 100V
Vin = 200V
Vin = 300V
0
50
100
150
200
250
300
-Iout (mA)
0%
10%
20%
30%
40%
50%
60%
70%
80%
Efficiency
Vin = 100V
Vin = 200V
Vin = 300V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com