Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1317 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN1317
Description  NON ISOLATED POWER SUPPLIES IN BUCK AND INVERTER CONFIGURATION USING VIPer20 DEVICE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1317 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN1317 Datasheet HTML 15Page - STMicroelectronics AN1317 Datasheet HTML 16Page - STMicroelectronics AN1317 Datasheet HTML 17Page - STMicroelectronics AN1317 Datasheet HTML 18Page - STMicroelectronics AN1317 Datasheet HTML 19Page - STMicroelectronics AN1317 Datasheet HTML 20Page - STMicroelectronics AN1317 Datasheet HTML 21Page - STMicroelectronics AN1317 Datasheet HTML 22Page - STMicroelectronics AN1317 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
19/23
AN1317 - APPLICATION NOTE
Figure 20: Buck non isolated with switching frequency shifter
Figure 21: Nominal oscillator frequency at Vin = 140V
13V
OSC
COMP
SOURCE
DRAIN
VDD
-
+
VIPer20
R3
3.9k
C4
100nF
R2
56k
C3
2.2nF
D1
1N4007
C2
22uF
400V
L1
470uH
D3
BYT01-400V
C5
33uF
16V
D2
BYT01-400V
C1
10uF
16V
DZ1
BZX55C15V
R1
470k
R4
33k
D4
1N4148
AC IN
AC IN
+13V
GND OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com