Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1317 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN1317
Description  NON ISOLATED POWER SUPPLIES IN BUCK AND INVERTER CONFIGURATION USING VIPer20 DEVICE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1317 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN1317 Datasheet HTML 4Page - STMicroelectronics AN1317 Datasheet HTML 5Page - STMicroelectronics AN1317 Datasheet HTML 6Page - STMicroelectronics AN1317 Datasheet HTML 7Page - STMicroelectronics AN1317 Datasheet HTML 8Page - STMicroelectronics AN1317 Datasheet HTML 9Page - STMicroelectronics AN1317 Datasheet HTML 10Page - STMicroelectronics AN1317 Datasheet HTML 11Page - STMicroelectronics AN1317 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8/23
AN1317 - APPLICATION NOTE
Figure 6: Switching diagram in normal operation (discontinuous mode)
for the Inverter:
In practice, with a less than 10% error, the VIPer20 consumption and also the power transferred to the
load during the conduction time of the MOSFET for the Buck (Vin»Vout) can be neglected. In this case,
the calculation becomes the same for both topologies:
For a 2W maximum output power, with Ip=IDpeak=0.5A min, Fs=20kHz, it gives L1l 800µH.
The power delivered by these topologies is limited by the minimum VIPer20 current capability and by the
fact that continuous mode has to be avoided. The maximum output current is therefore about
.
It gives also a maximum inductance value, for a given frequency:
On fig. 9 and 11 of section 4, a 2 W typical output power can be obtained with an inductor value of
470 µH (IDlim=0.67A typical).
P
out
1
2
---L
1
I2p Fs IDD V
⋅
out
–
⋅⋅
=
L
1
2
P
out
I
DD
V
⋅
out
+
I2p Fs
⋅
-----------------------------------------
⋅
=
L
1
2
P
out
I2p Fs
⋅
-----------------
⋅
≈
I
Dli m
2
---------------
L
1max
V
ou t
I
Dlim
F
s
⋅
----------------------
≈
Charge
Discharge
IDRAIN
Ts
tDis
tON
tOFF
IP
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com