Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1317 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN1317
Description  NON ISOLATED POWER SUPPLIES IN BUCK AND INVERTER CONFIGURATION USING VIPer20 DEVICE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1317 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN1317 Datasheet HTML 8Page - STMicroelectronics AN1317 Datasheet HTML 9Page - STMicroelectronics AN1317 Datasheet HTML 10Page - STMicroelectronics AN1317 Datasheet HTML 11Page - STMicroelectronics AN1317 Datasheet HTML 12Page - STMicroelectronics AN1317 Datasheet HTML 13Page - STMicroelectronics AN1317 Datasheet HTML 14Page - STMicroelectronics AN1317 Datasheet HTML 15Page - STMicroelectronics AN1317 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
12/23
AN1317 - APPLICATION NOTE
t2 and C1 can now be extracted as follow:
, with
A wide range input voltage design, fitting both American and European standards, is considered: The
minimum AC voltage is 85 Vrms, so Vinpeak=120V, 60 Hz. The designer needs a 2 W maximum output
power and he chooses Vinlow=80% of Vinpeak. Knowing that the typical efficiency η for this type of
converter is about 70%, he gets C1=19.4µF. He will retain 22 µF which is the closest higher normalized
value, with a voltage of 400 V to cover the whole range.
3.6 Compensation Network
The R2 and C4 network connected on the COMP pin of the VIPer20 insures a correct stability of the
converter. Note that both Buck and inverter topologies are working in discontinuous, and have a very
similar dynamic behavior. So, the values indicated on the schematics are convenient for both topologies
and in all load conditions.
V
in low
V
inp eak
2
π
t
2
T
s
-----


sin
⋅
t
2
T
s
2
π
------ arc
V
inlow
V
i npeak
------------------
sin
T
s
+
⋅
=
⇒
=
C
1
2
t
2
t
1
–
() P
out
1
η
---
⋅⋅
V
2
in peak
V
2
low
–
()
-----------------------------------------------
⋅
=
t
1
T
s
4
-----
=
Ts
Vinlow
VDC
Vin
t
t1
t2
Vinpeak
Figure 8: Single wave filtering



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com