Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1317 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1317
Description  NON ISOLATED POWER SUPPLIES IN BUCK AND INVERTER CONFIGURATION USING VIPer20 DEVICE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1317 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1317 Datasheet HTML 1Page - STMicroelectronics AN1317 Datasheet HTML 2Page - STMicroelectronics AN1317 Datasheet HTML 3Page - STMicroelectronics AN1317 Datasheet HTML 4Page - STMicroelectronics AN1317 Datasheet HTML 5Page - STMicroelectronics AN1317 Datasheet HTML 6Page - STMicroelectronics AN1317 Datasheet HTML 7Page - STMicroelectronics AN1317 Datasheet HTML 8Page - STMicroelectronics AN1317 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
®
January 2001
1/23
AN1317
- APPLICATION NOTE
NON ISOLATED POWER SUPPLIES IN BUCK AND
INVERTER CONFIGURATION USING VIPer20 DEVICE
A. Bailly - S. Luciano
INTRODUCTION
The VIPer20 is a full integrated switching device. It replaces the conventional PWM driver circuit, its
associated high voltage Power MOSFET switch and a full set of other passive components, and provide
a high level of performance thanks to its current mode structure and standby operation capability.
1. SCOPE
The VIPer20 is initially designed to be used at the primary side of any off line power supplies in isolated
flyback configuration but it is also the right solution for different types of not isolated power supplies
applications where low power (1W to 5W), wide input voltage range and low prices are required. In this
case, a simple two pins inductor can replace an expensive safety transformer. The basic principle of this
type of supplies is to convert a high voltage source to a low voltage one by the only way of the switching
frequency and duty cycle management.
The applications like home appliances (microwave oven, washing machine, triac drivers...), industrial
applications (motors control,...) do not require galvanic isolation between the mains lines and the low
voltage load, especially when one of the low voltage outputs must be connected to one of the mains
lines.
All these applications will take benefits from VIPer20 features:
• Full integrated PWM start up current source and high voltage Power MOSFET, allow to build simple,
robust, cost effective and compact power supplies.
• Built in overtemperature and overcurrent protection provide a safe control in overload conditions.
This application note gives all the elements to enable the designer to start the development of his own
non isolated power supply using the VIPer20. It defines the key components, and highlights the
differences between the Buck and the Inverter (also called Buck-Boost) topologies.
2. NOT ISOLATED TOPOLOGIES
2.1 VIPer20 In Buck Topology
The basic schematic of a VIPer20 in Buck topology delivering 2W typical, with a fixed output voltage, is
given fig. 1. The Buck structure is composed here by the on chip Power MOSFET, the inductor L1, the
free wheeling diode D3, the output filtering capacitor C5 and the output load itself.
In this topology, the VIPer20 switching duty cycle is very low (a few percent) because of the very high
difference between the input and the output voltages. Its value would be at the maximum equal to the
voltages ratio, when in continuous mode and even less in discontinuous mode. If the switching frequency
is too high, the Power MOSFET conduction time will decrease accordingly, which may result in early
burst mode operation if lower than the minimum turn on time of the device. In practice, the chosen


Similar Part No. - AN1317

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN131 SILABS-AN131 Datasheet
1Mb / 16P
The C8051F12x series is pin compatible
logo
STMicroelectronics
AN1313 STMICROELECTRONICS-AN1313 Datasheet
273Kb / 16P
Porting an application from the ST10F168 to the ST10F269
Sep-2013
AN1318 STMICROELECTRONICS-AN1318 Datasheet
63Kb / 9P
INTERFACING BETWEEN LVDS AND HIGH
Feb-2001
More results

Similar Description - AN1317

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-45 POWERINT-DER-45 Datasheet
105Kb / 9P
1.8W non-isolated Power Supply using LNK304
DER-47 POWERINT-DER-47 Datasheet
86Kb / 9P
2W Non-isolated Power Supply using LNK305P
DER-49 POWERINT-DER-49 Datasheet
578Kb / 17P
3W Non-Isolated Buck-Boost Converter using LNK305P
DER-92 POWERINT-DER-92 Datasheet
251Kb / 14P
0.5W Non-Isolated Buck-Boost Converter using the LNK302P
logo
Silicon Laboratories
AN296 SILABS-AN296 Datasheet
442Kb / 24P
USING THE Si3400 AND Si3401 POE PD CONTROLLERS IN ISOLATED AND NON-ISOLATED DESIGNS
logo
SynQor Worldwide Headqu...
NQ03009VMA15NRS SYNQOR-NQ03009VMA15NRS Datasheet
1Mb / 17P
15A Non-Isolated DC/DC Converter in SIP configuration
logo
Recom International Pow...
RBBA3000 RECOM-RBBA3000 Datasheet
1Mb / 8P
Non-isolated buck/boost converter
logo
Maxim Integrated Produc...
MAX17681AEVKITE MAXIM-MAX17681AEVKITE Datasheet
768Kb / 8P
Isolated -15V and -7.5V Output Configuration
Rev 0; 3/17
logo
Infineon Technologies A...
ICE5BR2280BZ INFINEON-ICE5BR2280BZ Datasheet
1Mb / 23P
700 mA non-isolated high-voltage buck evaluation board using ICE5BR2280BZ
V 1.0 2022-06-15
ICE5BR3995BZ INFINEON-ICE5BR3995BZ Datasheet
2Mb / 31P
300 mA non-isolated ultra high-voltage buck evaluation board using ICE5BR3995BZ
V 1.1 2022-08-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com