Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2381 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2381
Description  low voltage linear accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2381 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2381 Datasheet HTML 1Page - STMicroelectronics AN2381 Datasheet HTML 2Page - STMicroelectronics AN2381 Datasheet HTML 3Page - STMicroelectronics AN2381 Datasheet HTML 4Page - STMicroelectronics AN2381 Datasheet HTML 5Page - STMicroelectronics AN2381 Datasheet HTML 6Page - STMicroelectronics AN2381 Datasheet HTML 7Page - STMicroelectronics AN2381 Datasheet HTML 8Page - STMicroelectronics AN2381 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
June 2006
Rev 1
1/47
AN2381
Application note
LIS3LV02DL: 3-Axis - ±2g/±6g digital output
low voltage linear accelerometer
Introduction
This document is intended to give application notes for the low-voltage 3-axis digital output
linear MEMS accelerometer provided in LGA package.
The LIS3LV02DL is a three axes digital output linear accelerometer that includes a sensing
element and an IC interface able to take the information from the sensing element and to
provide the measured acceleration signals to the external world through an I2C/SPI serial
interface.
The sensing element, capable of detecting the acceleration, is manufactured using a
dedicated process developed by ST to produce inertial sensors and actuators in silicon.
The IC interface instead is manufactured using a CMOS process that allows high level of
integration to design a dedicated circuit which is factory trimmed to better match the sensing
element characteristics.
The LIS3LV02DL has a user selectable full scale of
±2g, ±6g and it is capable of measuring
acceleration over a bandwidth of 640 Hz for all axes. The device bandwidth may be selected
accordingly to the application requirements. A self-test capability allows the user to check
the functioning of the system.
The device may be configured to generate an inertial wake-up/free-fall interrupt signal when
a programmable acceleration threshold is crossed at least in one of the three axes.
The LIS3LV02DL is available in plastic SMD package and it is specified over a temperature
range extending from -40°C to +85°C.
The small size and weight of this package make it an ideal choice for handheld portable
applications such as cell phones and PDAs or any other application where size, weight and
package performance are required.
www.st.com


Similar Part No. - AN2381

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AN238 MICROCHIP-AN238 Datasheet
459Kb / 12P
Tire Pressure Monitoring (TPM) System
2004
logo
STMicroelectronics
AN2383 STMICROELECTRONICS-AN2383 Datasheet
1Mb / 39P
A single plate induction cooker with the ST7FLITE09Y0
23-Sep-2009
AN2384 STMICROELECTRONICS-AN2384 Datasheet
88Kb / 10P
How to size the resonant tank of the Induction Cooking Evaluation Board
05-Sep-2006
AN2385 STMICROELECTRONICS-AN2385 Datasheet
632Kb / 14P
Power dissipation and its linear derating factor
13-Jun-2006
AN2386 STMICROELECTRONICS-AN2386 Datasheet
846Kb / 30P
How to achieve the threshold voltage thermal coefficient
13-Jun-2006
More results

Similar Description - AN2381

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS3LV02DQ STMICROELECTRONICS-LIS3LV02DQ Datasheet
379Kb / 42P
MEMS INERTIAL SENSOR 3-Axis - -2g/-6g Digital Output Low Voltage Linear Accelerometer
07-Oct-2005
LIS3LV02DL STMICROELECTRONICS-LIS3LV02DL Datasheet
317Kb / 36P
MEMS INERTIAL SENSOR 3-Axis - ±2g/±6g Digital Output Low Voltage Linear Accelerometer
15-Feb-2006
LIS2L01 STMICROELECTRONICS-LIS2L01 Datasheet
69Kb / 6P
INERTIAL SENSOR : 2Axis/1g LINEAR ACCELEROMETER
Apr-2002
LIS3LV02DL STMICROELECTRONICS-LIS3LV02DL_08 Datasheet
672Kb / 48P
MEMS inertial sensor 3-axis - ±2g/±6g digital output low voltage linear accelerometer
15-Jan-2008
AN2960 STMICROELECTRONICS-AN2960 Datasheet
452Kb / 41P
ultra compact linear accelerometer
12-Jun-2009
AN4662 STMICROELECTRONICS-AN4662 Datasheet
948Kb / 43P
This document describes the low-voltage 3-axis digital output linear MEMS accelerometer provided
13-Apr-2015
logo
Freescale Semiconductor...
FXLS8471Q FREESCALE-FXLS8471Q Datasheet
576Kb / 75P
Linear Accelerometer
logo
TE Connectivity Ltd
810M1 TEC-810M1 Datasheet
158Kb / 3P
Piezoelectric Linear Accelerometer
8101 TEC-8101 Datasheet
166Kb / 4P
Piezoelectric Linear Accelerometer
logo
NXP Semiconductors
FXLS8471Q NXP-FXLS8471Q Datasheet
1Mb / 86P
3-Axis, Linear Accelerometer
Rev. 3.0 - 13 June 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com