Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2381 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2381
Description  low voltage linear accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2381 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2381 Datasheet HTML 9Page - STMicroelectronics AN2381 Datasheet HTML 10Page - STMicroelectronics AN2381 Datasheet HTML 11Page - STMicroelectronics AN2381 Datasheet HTML 12Page - STMicroelectronics AN2381 Datasheet HTML 13Page - STMicroelectronics AN2381 Datasheet HTML 14Page - STMicroelectronics AN2381 Datasheet HTML 15Page - STMicroelectronics AN2381 Datasheet HTML 16Page - STMicroelectronics AN2381 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
AN2381
Digital interfaces
13/47
4.1.1
I2C Operation
The transaction on the bus is started through a START signal. A START condition is defined
as a HIGH to LOW transition on the data line while the SCL line is held HIGH (refer to ST
condition in the following paragraph). After this has been transmitted by the Master, the bus
is considered busy. The next byte of data transmitted after the start condition contains the
address of the slave in the first 7 bits and the eighth bit tells whether the Master is receiving
data from the slave or transmitting data to the slave (SA subsequence). When an address is
sent, each device in the system compares the first seven bits after a start condition with its
own address. If they match, the device considers itself addressed by the Master.
Data transfer with acknowledge is mandatory. The transmitter must release the SDA line
during the acknowledge pulse. The receiver must then pull the data line LOW so that it
remains stable low during the HIGH period of the acknowledge clock pulse (SAK
subsequence). A receiver which has been addressed is obliged to generate an
acknowledge after each byte of data has been received.
The I2C embedded inside the LIS3LV02DL behaves like a slave device and the following
protocol must be adhered to. After the start condition (ST) a salve address is sent (SA),
once a slave acknowledge has been returned (SAK), a 8-bit sub-address will be transmitted
(SUB): the 7 LSB represent the actual register address while the MSB enables address
autoincrement.
If the MSB of the SUB field is ‘1’, the SUB (register address) will be automatically increased
by one to allow multiple data read/write at increasing addresses.
Otherwise if the MSB of the SUB field is ‘0’, the SUB will remain unchanged and multiple
read/write on the same address can be performed.
If the LSB of the slave address was ‘1’ (read), a repeated START (SR) condition will have to
be issued after the sub-address byte; if the LSB is ‘0’ (write) the Master will transmit to the
slave with direction unchanged.
4.1.2
I2C Subsequences
In order to better define subsequences and to clarify line SCL and SDA behavior, a
description containing discrete value of SCL and SDA will follow. In column there is the
value present on line SCL and SDA in discrete timing. These simple subsequences are
used to realize complex commands described in the following paragraph.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com