Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2381 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2381
Description  low voltage linear accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2381 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2381 Datasheet HTML 21Page - STMicroelectronics AN2381 Datasheet HTML 22Page - STMicroelectronics AN2381 Datasheet HTML 23Page - STMicroelectronics AN2381 Datasheet HTML 24Page - STMicroelectronics AN2381 Datasheet HTML 25Page - STMicroelectronics AN2381 Datasheet HTML 26Page - STMicroelectronics AN2381 Datasheet HTML 27Page - STMicroelectronics AN2381 Datasheet HTML 28Page - STMicroelectronics AN2381 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
AN2381
Registers Description
25/47
Figure 11 gives a representation of a output data path towards serial interfaces with its
control signals.
Figure 11.
Block diagram of data output path
The data coming from Offset and Gain adjust block go directly to register array for reading
when FDS is set to ’0’ (default value)
Instead when the FDS bit in CTRL_REG3 is set to ’1’, the path that involves the use of the
embedded HP filter is activated.
HP filtered data can be selected for further processing by the Interrupt Generator block
setting the desired values of HPDD and HPFF bit. Default value is ‘0’ and corresponds to the
use of non filtered data. The output of Interrupt Generator block is used to load
FF_WU_SRC and DD_SRC registers.
5.3
Data and Status Registers
5.3.1
WHO_AM_I (0Fh)
Device identification register.
This register contains a device identifier which for LIS3LV02DL is set to 3Ah.
DD_SRC
Digital Filter,
Offset and Gain
Adjust
High Pass Filter
Interrupt Generator
(FF, WU, DD)
FF
DD
CTRL_REG3(HPDD)
CTRL_REG3(HPFF)
0
0
CTRL_REG3(FDS)
0
Regs Array
Data Path
HP_FILTER_RESET
1
1
1
Output reg
FF_WU_SRC
I2C/SPI
0
011
10
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com