Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2381 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN2381
Description  low voltage linear accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2381 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN2381 Datasheet HTML 29Page - STMicroelectronics AN2381 Datasheet HTML 30Page - STMicroelectronics AN2381 Datasheet HTML 31Page - STMicroelectronics AN2381 Datasheet HTML 32Page - STMicroelectronics AN2381 Datasheet HTML 33Page - STMicroelectronics AN2381 Datasheet HTML 34Page - STMicroelectronics AN2381 Datasheet HTML 35Page - STMicroelectronics AN2381 Datasheet HTML 36Page - STMicroelectronics AN2381 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
AN2381
Registers Description
33/47
LIR defines whether the current direction/tilt status has to be latched inside the DD_SRC
register. In order to clear the content of the DD_SRC register and the related interrupt
request (if enabled through the IEND bit) it is necessary to perform a reading at the dummy
register DD_ACK. For any additional detail refer to Figure 17.
XHIE (YHIE, ZHIE) configure the device to recognize whether the acceleration value along
the X axis has exceeded the preset threshold module in the positive direction of the related
acceleration axis.
XLIE (YLIE, ZLIE) configure the device to recognize whether the acceleration value along
the X axis has exceeded the preset threshold module in the negative direction of the related
acceleration axis. In order to avoid false detections and/or bouncing produced for example
by either spurious vibration or tremor, one inner/internal and one outer/external thresholds is
defined. Both the thresholds are expressed over 16 bit as an unsigned number and are
given respectively by the concatenation of DD_THSI_H & DD_THSI_L and DD_THSE_H &
DD_THSE_L. Whenever the inner thresholds is greater than the outer one, the hysteresis
region will be null and the threshold used to detect the tilt direction is DD_THSE_H &
DD_THSE_L.
X, (Y, Z) acceleration data is considered high when the acceleration value of the X (Y, Z)
channel is higher than the outer DD_THSE_H & DD_THSE_L threshold (i.e. acceleration
exceeding the threshold in module with the terminal tilted in the positive acceleration
direction).
Similarly, X, (Y, Z) acceleration data is considered low when the acceleration value of the X
(Y, Z) channel is lower than the outer DD_THSE_H & DD_THSE_L threshold (i.e.
acceleration exceeding the threshold in module but terminal tilted in the negative
acceleration direction).
Both X (Y, Z) high and X (Y, Z) low in DD_SRC register are reset when the absolute
acceleration data on X (Y, Z) channel is lower than the inner DD_THSI_H & DD_THSI_L
threshold. Figure 13 gives a representation of acceleration area named “high”, “low” and
“reset” defined by thresholds written in DD_THSE and DD_THSI registers on a single
acceleration axis.
Figure 13.
DD_CFG High and Low Description
+ Full Scale
- Full Scale
0 g level
External Threshold (DD_THSE)
External Threshold (DD_THSE)
X (Y, Z) high
X (Y, Z) low
X (Y, Z) reset
Positive
Negative
Internal Threshold (DD_THSI)
Hysteresis Region
Internal Threshold (DD_THSI)
Hysteresis Region
acceleration
acceleration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com