Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2381 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN2381
Description  low voltage linear accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2381 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN2381 Datasheet HTML 25Page - STMicroelectronics AN2381 Datasheet HTML 26Page - STMicroelectronics AN2381 Datasheet HTML 27Page - STMicroelectronics AN2381 Datasheet HTML 28Page - STMicroelectronics AN2381 Datasheet HTML 29Page - STMicroelectronics AN2381 Datasheet HTML 30Page - STMicroelectronics AN2381 Datasheet HTML 31Page - STMicroelectronics AN2381 Datasheet HTML 32Page - STMicroelectronics AN2381 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
AN2381
Registers Description
29/47
5.4
Free-Fall and Wake-Up Registers
The following sections describes the registers that are involved in the generation of the
interrupt signal associated to the inertial wake-up and free-fall events.
5.4.1
HP_FILTER_RESET (23h)
Dummy register. A read at this address set the content of the internal High-Pass filter to the
actual X, Y and Z acceleration values.
5.4.2
FF_WU_CFG (30h)
Free-fall and wake-up configuration register.
AOI bit allows to select between Wake-Up (OR combination of interrupt events) and Free-
Fall (AND combination of interrupt events) detection
LIR defines whether the configured interrupt event has to be latched by the device once it
has happened. In order to clear the request and the related source reg (FF_WU_SRC) it is
necessary to perform a reading at the dummy register FF_WU_ACK reg.
XX
XX
XX
XX
AOI
LIR
ZHIE
ZLIE
YHIE
YLIE
XHIE
XLIE
AOI
And/Or combination of Interrupt events. Default value: 0
(0: OR combination of interrupt events; 1: AND combination of interrupt events)
LIR
Latch Interrupt request into FF_WU_SRC register with the FF_WU_SRC register
cleared by reading FF_WU_ACK register. Default value: 0
(0: interrupt request not latched; 1: interrupt request latched)
ZHIE
Enable interrupt generation on Z high event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value higher than preset threshold)
ZLIE
Enable interrupt generation on Z low event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value lower than preset threshold)
YHIE
Enable interrupt generation on Y high event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value higher than preset threshold)
YLIE
Enable interrupt generation on Y low event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value lower than preset threshold)
XHIE
Enable interrupt generation on X high event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value higher than preset threshold)
XLIE
Enable interrupt generation on X low event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value lower than preset threshold)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com