Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2381 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN2381
Description  low voltage linear accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2381 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN2381 Datasheet HTML 26Page - STMicroelectronics AN2381 Datasheet HTML 27Page - STMicroelectronics AN2381 Datasheet HTML 28Page - STMicroelectronics AN2381 Datasheet HTML 29Page - STMicroelectronics AN2381 Datasheet HTML 30Page - STMicroelectronics AN2381 Datasheet HTML 31Page - STMicroelectronics AN2381 Datasheet HTML 32Page - STMicroelectronics AN2381 Datasheet HTML 33Page - STMicroelectronics AN2381 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
Registers Description
AN2381
30/47
XHIE (YHIE, ZHIE) set an interrupt event to occur when the measured acceleration data on
X (Y, Z) channel is higher than the threshold set in FF_WU_THS register.
XLIE (YLIE, ZLIE) set an interrupt event to occur when the measured acceleration data on X
(Y, Z) channel is lower than the threshold set in FF_WU_THS register.
The threshold module which is used by the system to detect any free-fall or inertial wake-up
event is defined by FF_WU_THS_H and FF_WU_THS_L registers and it is given by their
concatenation FF_WU_THS_H & FF_WU_THS_L. The threshold value is expressed over
16 bit as an unsigned number and X, (Y, Z) high is true when the unsigned acceleration
value of the X (Y, Z) channel is higher than FF_WU_THS_H & FF_WU_THS_L. Similarly, X,
(Y, Z) low is true when the unsigned acceleration value of the X (Y, Z) channel is lower than
FF_WU_THS_H & FF_WU_THS_L. Refer to Figure 12 for more details.
Figure 12.
FF_WU_CFG High and Low
5.4.3
FF_WU_SRC (31h)
Free-fall and wake-up source register. Read only register.
+ Full Scale
- Full Scale
0 g level
Threshold module
Threshold module
X (Y, Z) high
X (Y, Z) high
X (Y, Z) low
Positive
Negative
acceleration
acceleration
x
IA
ZH
ZL
YHYLXHXL
IA
Interrupt Active. Default value: 0
(0: no interrupt has been generated;
1: one or more interrupt event has been generated)
ZH
Z High. Default value: 0
(0: no interrupt; 1: ZH event has occurred)
ZL
Z Low. Default value: 0
(0: no interrupt; 1: ZL event has occurred)
YH
Y High. Default value: 0
(0: no interrupt; 1: YH event has occurred)
YL
Y Low. Default value: 0
(0: no interrupt; 1: YL event has occurred)
XH
X High. Default value: 0
(0: no interrupt; 1: XH event has occurred)
XL
X Low. Default value: 0
(0: no interrupt; 1: XL event has occurred)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com