Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2381 Datasheet(PDF) 44 Page - STMicroelectronics

Part # AN2381
Description  low voltage linear accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2381 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button AN2381 Datasheet HTML 39Page - STMicroelectronics AN2381 Datasheet HTML 40Page - STMicroelectronics AN2381 Datasheet HTML 41Page - STMicroelectronics AN2381 Datasheet HTML 42Page - STMicroelectronics AN2381 Datasheet HTML 43Page - STMicroelectronics AN2381 Datasheet HTML 44Page - STMicroelectronics AN2381 Datasheet HTML 45Page - STMicroelectronics AN2381 Datasheet HTML 46Page - STMicroelectronics AN2381 Datasheet HTML 47Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 44 / 47 page
background image
Application information
AN2381
44/47
6.8
Output data rate selection and reading timing
The output data rate is user selectable through Decimation Factor Control bit (DF1, DF0)
stored in CTRL_REG1 (20h) register. At power-on-reset DF1, DF0 are reset to 0 thus
providing a default decimation factor set to 512.
The selectable decimation factor are given in table below together with the output data rate.
The output data rate precision is related to internal oscillator or to external clock precision
and an error of +/- 10% should be taken in account.
A minimum reading period 150
µs shorter than the output data rate period is defined not to
loose any data produced. During this time period the reading of the data must be performed
and DataReady signal can be used as a trigger to begin the reading sequence. At the end of
the complete sequence DataReady signal goes down and the following rise edge advise
that new data are available. If this minimum reading frequency is not observed it is possible
to loose some data and the DataReady signal have no more the meaning of a trigger signal.
The status register can be used to infer if an overrun happened.
Figure 16.
Reading Timing
6.9
Data Ready vs. Interrupt Signal
The device is provided with a pin which can be activated to generate either the data-ready or
the interrupt signal. The functionality of the pin is selected acting on bit IEN and DRDY of
CTRL_REG2 accordingly to the block diagram given in Figure 17.
Table 7.
Output data rate
DF1, DF0
Decimation Factor
Output data rate
Digital Filter
cut-off freq. (-3dB)
00
512
40 Hz
10 Hz
01
128
160 Hz
42 Hz
10
32
640 Hz
168 Hz
11
8
2560 Hz
675 Hz
Table 8.
Timing Value to Avoid Loosing the Data
Time
Description
Min
Typ
Max
T0
Data rate
350
µs
25 ms
T1
Reading period
T0-T2
T2
New data generation
150
µs
DataReady
T0
T2
T1
New data available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com