Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2852 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2852
Description  This document describes the characteristics and performance of a 90 W wide range input
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2852 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2852 Datasheet HTML 1Page - STMicroelectronics AN2852 Datasheet HTML 2Page - STMicroelectronics AN2852 Datasheet HTML 3Page - STMicroelectronics AN2852 Datasheet HTML 4Page - STMicroelectronics AN2852 Datasheet HTML 5Page - STMicroelectronics AN2852 Datasheet HTML 6Page - STMicroelectronics AN2852 Datasheet HTML 7Page - STMicroelectronics AN2852 Datasheet HTML 8Page - STMicroelectronics AN2852 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
January 2009
Rev 1
1/35
AN2852
Application note
EVL6591-90WADP: 90 W AC-DC asymmetrical
half-bridge adapter using L6591 and L6563
Introduction
This document describes the characteristics and performance of a 90 W wide range input
AC-DC adapter based on asymmetrical half-bridge topology (AHB).
The converter comprises a two-stage approach: a PFC front-end stage using the L6563 TM
PFC controller and a DC-DC stage that implements the asymmetrical half-bridge (AHB)
topology driven by the L6591, the new PWM controller dedicated to this architecture.
Thanks to the AHB topology, the system offers good electrical performance (EPA 2.0
compliant) with a low-voltage and high-current output (12 V - 7.5 A).
The order code for this demonstration board is EVL6591-90WADP.
Figure 1.
EVL6591-90WADP demonstration board
AM01816v1
www.st.com


Similar Part No. - AN2852

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2855 STMICROELECTRONICS-AN2855 Datasheet
103Kb / 8P
Configuration for single-click
17-Feb-2009
AN2857 STMICROELECTRONICS-AN2857 Datasheet
274Kb / 31P
STM8S and STM8A family power management
25-Aug-2011
AN2859 STMICROELECTRONICS-AN2859 Datasheet
568Kb / 29P
Multiplexed diagnostics of AC switches using two STCC08
29-Jul-2014
More results

Similar Description - AN2852

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3203 STMICROELECTRONICS-AN3203 Datasheet
2Mb / 49P
This application note describes the characteristics and performance
28-Jan-2011
UM1524 STMICROELECTRONICS-UM1524 Datasheet
1Mb / 35P
This document describes the functions
19-Sep-2012
UM1529 STMICROELECTRONICS-UM1529 Datasheet
1Mb / 35P
This document describes the functioning
18-Sep-2012
UM1554 STMICROELECTRONICS-UM1554 Datasheet
1Mb / 34P
This document describes the functioning
30-Aug-2012
AN2690 STMICROELECTRONICS-AN2690 Datasheet
1Mb / 31P
This application note describes the characteristics and the features
10-Jun-2008
AN2941 STMICROELECTRONICS-AN2941 Datasheet
1Mb / 37P
This application note describes the characteristics and the features
29-Nov-2010
AN3014 STMICROELECTRONICS-AN3014 Datasheet
1,010Kb / 29P
This application note describes the characteristics and the features
13-Dec-2010
AN3172 STMICROELECTRONICS-AN3172 Datasheet
1Mb / 31P
This application note describes the performance of a 90 W
14-Dec-2010
logo
Silicon Laboratories
SI8920ISO-EVB SILABS-SI8920ISO-EVB Datasheet
360Kb / 10P
This document describes the operation of the Si8920ISO-EVB
SI50X-32X4-EVB SILABS-SI50X-32X4-EVB Datasheet
1Mb / 8P
This document describes the operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com