Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2852 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2852
Description  This document describes the characteristics and performance of a 90 W wide range input
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2852 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2852 Datasheet HTML 21Page - STMicroelectronics AN2852 Datasheet HTML 22Page - STMicroelectronics AN2852 Datasheet HTML 23Page - STMicroelectronics AN2852 Datasheet HTML 24Page - STMicroelectronics AN2852 Datasheet HTML 25Page - STMicroelectronics AN2852 Datasheet HTML 26Page - STMicroelectronics AN2852 Datasheet HTML 27Page - STMicroelectronics AN2852 Datasheet HTML 28Page - STMicroelectronics AN2852 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
AN2852
Bill of material
25/35
6
Bill of material
Table 8.
EVL6591-90WADP bill of materials
Ref
Value
Description
Manufacturer
C1
470 NF
Polypropylene X2 capacitor - R46 KI 3470--02 M
Arcotronics
C10
1N0
SMD ceramic capacitor X7R - 50 V
AVX
C11
10 NF
SMD ceramic capacitor X7R - 50 V
AVX
C12
470 NF
SMD ceramic capacitor X7R - 25 V
AVX
C13
1 µF
SMD ceramic capacitor X7R - 25 V
AVX
C14
100 NF
SMD ceramic capacitor X7R - 50 V
AVX
C15
22 µF
Electrolytic capacitor YXF - 50 V
Rubycon
C16
1N0
SMD ceramic capacitor X7R - 50 V
AVX
C17
N.M.
Electrolytic capacitor
C2
2N2
Ceramic Y1 capacitor - DE1E3KX222M
Murata
C20
2N2
Ceramic Y1 capacitor - DE1E3KX222M
Murata
C21
2N2
Ceramic Y1 capacitor - DE1E3KX222M
Murata
C22
220 PF
SMD ceramic capacitor NP0 - 50 V
AVX
C3
2N2
Ceramic Y1 capacitor - DE1E3KX222M
Murata
C39
100 NF
SMD ceramic capacitor X7R - 50 V
AVX
C4
470 NF
Polypropylene X2 capacitor - R46 KI 3470--02 M
Arcotronics
C40
10 NF
Ceramic capacitor X7R - 50 V
AVX
C41
4N7
SMD ceramic capacitor X7R - 50 V
AVX
C42
100 NF
SMD ceramic capacitor X7R - 50 V
AVX
C43
10 NF
SMD ceramic capacitor X7R - 50 V
AVX
C44
220 NF
Polypropylene capacitor - B32652A3224J
EPCOS
C45
220 PF
SMD ceramic capacitor NP0 - 50 V
AVX
C46
1000 µF
Electrolytic capacitor ZL - 25 V
Rubycon
C47
2.2 NF
SMD ceramic capacitor X7R - 50 V
AVX
C48
6.8 NF
SMD ceramic capacitor X7R - 50 V
AVX
C49
330 PF
SMD ceramic capacitor NP0 - 50 V - 2%
AVX
C5
470 NF
Polypropylene capacitor - PHE426KD6470JR06L2
EVOX-RIFA
C50
100 NF
SMD ceramic capacitor X7R - 50 V
AVX
C51
22 uF
Electrolytic capacitor YXF - 50 V
Rubycon
C52
100 NF
SMD ceramic capacitor X7R - 50 V
AVX
C53
N.M.
SMD ceramic capacitor X7R - 50 V
C54
1 uF
SMD ceramic capacitor X7R - 25 V
AVX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com