Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2852 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2852
Description  This document describes the characteristics and performance of a 90 W wide range input
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2852 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2852 Datasheet HTML 16Page - STMicroelectronics AN2852 Datasheet HTML 17Page - STMicroelectronics AN2852 Datasheet HTML 18Page - STMicroelectronics AN2852 Datasheet HTML 19Page - STMicroelectronics AN2852 Datasheet HTML 20Page - STMicroelectronics AN2852 Datasheet HTML 21Page - STMicroelectronics AN2852 Datasheet HTML 22Page - STMicroelectronics AN2852 Datasheet HTML 23Page - STMicroelectronics AN2852 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Electrical performance
AN2852
20/35
3.2
Harmonic content measurement
The front-end PFC stage provides the reduction of the mains harmonic, allowing meeting
European EN61000-3-2 and Japanese JEIDA-MITI standards for class D equipment.
Figure 18 and 19 show the harmonic contents of the mains current at full load.
A measure has been done also with 75 W input power which is the lower limit for using
harmonic reduction techniques.
Figure 18.
EN61000-3-2 measurements at full
load
Figure 19.
JEIDA-MITI measurements at full
load
AM01833v1
0.0001
0.001
0.01
0.1
1
1
3
579 11 13 15 17 19 21 23 25 27 29 31 33 35 37 39
Harmonic order (n)
Measurements @ 230Vac Full load
EN61000-3-2 class D limits
AM01834v1
0.0001
0.001
0.01
0.1
1
10
1
3
57
9 11 13 15 17 19 21 23 25 27 29 31 33 35 37 39
Harmonic order (n)
Measurements @ 100Vac Full load
JEIDA-MITI class D limits
Figure 20.
EN61000-3-2 measurements at 75 W
input
Figure 21.
JEIDA-MITI measurements at 75 W
input
AM01835v1
0.0001
0.001
0.01
0.1
1
1
3
57
9
11 13 15 17 19 21 23 25 27 29 31 33 35 37 39
Harmonic order (n)
Measurements @ 230Vac 75W in
EN61000-3-2 class D limits
AM01836v1
0.0001
0.001
0.01
0.1
1
1
3
579 11 13 15 17 19 21 23 25 27 29 31 33 35 37 39
Harmonic order (n)
Measurements @ 100Vac 75W in
JEIDA-MITI class D limits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com