Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2852 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2852
Description  This document describes the characteristics and performance of a 90 W wide range input
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2852 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2852 Datasheet HTML 14Page - STMicroelectronics AN2852 Datasheet HTML 15Page - STMicroelectronics AN2852 Datasheet HTML 16Page - STMicroelectronics AN2852 Datasheet HTML 17Page - STMicroelectronics AN2852 Datasheet HTML 18Page - STMicroelectronics AN2852 Datasheet HTML 19Page - STMicroelectronics AN2852 Datasheet HTML 20Page - STMicroelectronics AN2852 Datasheet HTML 21Page - STMicroelectronics AN2852 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Electrical performance
AN2852
18/35
The efficiency taken at 25%, 50%, 75% and 100% of rated load allows calculating the
average efficiency required by the ENERGY STAR® specification.
Table 4 shows the no-load consumption. The adapter has good values (about 300 mW at
230Vac), considering that it is a two-stage system with the PFC stage always on.
This adapter meets the two conditions required by ENERGY STAR® specification version
2.0 (average efficiency > 87% and no-load input power < 0.5 W) for an external power
supply (EPS). Therefore this SMPS is EPA 2.0 compliant.
Figure 16 shows the graph of the efficiency vs. output power while Figure 17 shows the
graph of the input power vs. input voltage with no load applied.
Figure 16.
Efficiency vs. O/P power
Table 3.
Average efficiency for EPA
Vin [Vrms]
Average efficiency for EPA
115
87.44%
230
88.19%
Table 4.
No-load consumption
Vin [Vac]
90
115
135
180
230
264
Pin [W]
0.215
0.225
0.235
0.255
0.290
0.315
AM01831v1
Efficiency
66.00%
68.00%
70.00%
72.00%
74.00%
76.00%
78.00%
80.00%
82.00%
84.00%
86.00%
88.00%
90.00%
92.00%
020
40
60
80
100
Output power [W]
115Vac
230Vac



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com