Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2852 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN2852
Description  This document describes the characteristics and performance of a 90 W wide range input
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2852 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN2852 Datasheet HTML 23Page - STMicroelectronics AN2852 Datasheet HTML 24Page - STMicroelectronics AN2852 Datasheet HTML 25Page - STMicroelectronics AN2852 Datasheet HTML 26Page - STMicroelectronics AN2852 Datasheet HTML 27Page - STMicroelectronics AN2852 Datasheet HTML 28Page - STMicroelectronics AN2852 Datasheet HTML 29Page - STMicroelectronics AN2852 Datasheet HTML 30Page - STMicroelectronics AN2852 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
AN2852
Bill of material
27/35
Q9
N.M.
Small signal BJT
R1
1M0
SMD film resistor - 5% - 250 ppm/°C - 1206
Vishay
R10
15 k
Ω
SMD film resistor - 1% - 100 ppm/°C - 0805
Vishay
R100
0R0
SMD film resistor - 1206
Vishay
R101
0R0
SMD film resistor - 1206
Vishay
R11
3M0
Film resistor - 1% - 100 ppm/°C - 0.4W
Vishay
R12
3M0
Film resistor - 1% - 100 ppm/°C - 0.4W
Vishay
R13
8.2 k
Ω
SMD film resistor - 1% - 100 ppm/°C - 0805
Vishay
R14
18 k
Ω
SMD film resistor - 5% - 250 ppm/°C - 1206
Vishay
R15
150 k
Ω
SMD film resistor - 5% - 250 ppm/°C - 1206
Vishay
R17
0R0
SMD film resistor - 1206
Vishay
R18
56 k
Ω
SMD film resistor - 5% - 250 ppm/°C - 0805
Vishay
R19
56 k
Ω
SMD film resistor - 5% - 250 ppm/°C - 0805
Vishay
R2
1M2
SMD film resistor - 5% - 250 ppm/°C - 1206
Vishay
R20
0R0
SMD film resistor - 1206
Vishay
R21
27
Ω
SMD film resistor - 5% - 250 ppm/°C - 1206
Vishay
R22
0R47
Film resistor – 5% – 250 ppm/°C - 0.4W
Vishay
R23
0R47
Film resistor – 5% – 250 ppm/°C - 0.4W
Vishay
R24
1.8 k
Ω
SMD film resistor - 1% - 100 ppm/°C - 0805
Vishay
R25
4.7 k
Ω
SMD film resistor - 1% - 100 ppm/°C - 0805
Vishay
R26
240 k
Ω
SMD film resistor - 5% - 250 ppm/°C - 0805
Vishay
R27
470
SMD film resistor - 5% - 250 ppm/°C - 1206
Vishay
R28
24K9
SMD film resistor - 1% - 100 ppm/°C - 0805
Vishay
R29
100 k
Ω
SMD film resistor - 5% - 250 ppm/°C - 0805
Vishay
R3
680 k
Ω
Film resistor - 1% - 100 ppm/°C - 1206
Vishay
R30
2K2
SMD film resistor - 1% - 100 ppm/°C - 1206
Vishay
R46
100 k
Ω
SMD film resistor - 5% - 250 ppm/°C - 0805
Vishay
R53
0R0
SMD film resistor - 1206
Vishay
R54
0R0
SMD film resistor - 1206
Vishay
R55
0R0
SMD film resistor - 1206
Vishay
R6
2R5
NTC resistor S237 - B57237S0259M000
EPCOS
R69
N.M.
SMD resistor - 0805
Vishay
R7
680 k
Ω
Film resistor - 1% - 100 ppm/°C - 0.4 W
Vishay
R70
33
Ω
SMD film resistor - 5% - 250 ppm/°C - 1206
Vishay
R71
10
Ω
SMD film resistor - 5% - 250 ppm/°C - 1206
Vishay
Table 8.
EVL6591-90WADP bill of materials (continued)
Ref
Value
Description
Manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com