Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2852 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2852
Description  This document describes the characteristics and performance of a 90 W wide range input
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2852 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2852 Datasheet HTML 15Page - STMicroelectronics AN2852 Datasheet HTML 16Page - STMicroelectronics AN2852 Datasheet HTML 17Page - STMicroelectronics AN2852 Datasheet HTML 18Page - STMicroelectronics AN2852 Datasheet HTML 19Page - STMicroelectronics AN2852 Datasheet HTML 20Page - STMicroelectronics AN2852 Datasheet HTML 21Page - STMicroelectronics AN2852 Datasheet HTML 22Page - STMicroelectronics AN2852 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
AN2852
Electrical performance
19/35
Figure 17.
No-load consumption
Some measurements with low output loads were also taken, refer to Table 5 and Table 6.
Table 5.
Low-load efficiency at 115Vrms
Pout [W]
Iout [mA]
Vout [V]
Pin [W]
Eff [%]
1.50
124.50
12.12
2.696
55.97%
1.00
82.50
12.12
1.883
53.10%
0.50
42.02
12.12
1.076
47.31%
0.25
21.05
12.11
0.654
38.98%
Table 6.
Low-load efficiency at 230Vrms
Pout [W]
Iout [mA]
Vout [V]
Pin [W]
Eff [%]
1.50
124.50
12.12
2.598
58.08%
1.00
82.50
12.12
1.802
55.49%
0.50
42.02
12.12
1.08746.83%
0.25
21.05
12.11
0.704
36.21%
AM01832v1
0.000
0.050
0.100
0.150
0.200
0.250
0.300
0.350
50
100
150
200
250
300
Input voltage [Vac]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com