Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2852 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2852
Description  This document describes the characteristics and performance of a 90 W wide range input
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2852 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2852 Datasheet HTML 13Page - STMicroelectronics AN2852 Datasheet HTML 14Page - STMicroelectronics AN2852 Datasheet HTML 15Page - STMicroelectronics AN2852 Datasheet HTML 16Page - STMicroelectronics AN2852 Datasheet HTML 17Page - STMicroelectronics AN2852 Datasheet HTML 18Page - STMicroelectronics AN2852 Datasheet HTML 19Page - STMicroelectronics AN2852 Datasheet HTML 20Page - STMicroelectronics AN2852 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
AN2852
Electrical performance
17/35
3
Electrical performance
3.1
Efficiency measurement and no-load consumption
Table 1 and 2 give the efficiency measurements taken at the two nominal voltages.
Table 1.
Efficiency at 115Vrms
Load [%]
Iout [A]
Vout [V]
Pout [W]
Pin [W]
Eff [%]
5%
0.3746
12.12
4.54
6.80
66.77%
10%
0.7507
12.11
9.09
12.10
75.13%
20%
1.5037
12.10
18.19
21.9882.78%
25%
1.8787
12.09
22.71
26.83
84.66%
40%
3.0037
12.09
36.31
41.49
87.53%
50%
3.7537
12.08
45.34
51.41
88.20%
60%
4.5037
12.08
54.40
61.44
88.55%
75%
5.6287
12.07
67.94
76.67
88.61%
80%
6.0037
12.07
72.46
81.77
88.62%
100%
7.5037
12.06
90.49
102.4888.30%
Table 2.
Efficiency at 230Vrms
Load [%]
Iout [A]
Vout [V]
Pout [W]
Pin [W]
Eff [%]
5%
0.3746
12.12
4.54
6.58
68.97%
10%
0.7507
12.11
9.09
12.41
73.26%
20%
1.5037
12.10
18.19
22.30
81.59%
25%
1.8787
12.09
22.71
27.02
84.06%
40%
3.0037
12.08
36.28
41.37
87.71%
50%
3.7537
12.08
45.34
51.05
88.82%
60%
4.5037
12.07
54.36
60.83
89.36%
75%
5.6287
12.07
67.94
75.60
89.87%
80%
6.0037
12.07
72.46
80.56
89.95%
100%
7.5037
12.06
90.49
100.55
90.00%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com