Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2852 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2852
Description  This document describes the characteristics and performance of a 90 W wide range input
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2852 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2852 Datasheet HTML 10Page - STMicroelectronics AN2852 Datasheet HTML 11Page - STMicroelectronics AN2852 Datasheet HTML 12Page - STMicroelectronics AN2852 Datasheet HTML 13Page - STMicroelectronics AN2852 Datasheet HTML 14Page - STMicroelectronics AN2852 Datasheet HTML 15Page - STMicroelectronics AN2852 Datasheet HTML 16Page - STMicroelectronics AN2852 Datasheet HTML 17Page - STMicroelectronics AN2852 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Operating waveforms
AN2852
14/35
Figure 12.
Detailed OVP intervention
Figure 13.
OVP intervention: system is latched
AM01827v1
Ch1: output voltage (yellow)
Ch2: Vcc pin voltage (blue)
Ch3: FGND pin voltage (purple)
Ch4: DISABLE pin voltage (green)
AM01828v1
Ch2: Vcc pin voltage (blue)
Ch4: DISABLE pin voltage (green)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com