Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3063 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3063
Description  100 W transition-mode PFC pre-regulator with the L6563H
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3063 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3063 Datasheet HTML 7Page - STMicroelectronics AN3063 Datasheet HTML 8Page - STMicroelectronics AN3063 Datasheet HTML 9Page - STMicroelectronics AN3063 Datasheet HTML 10Page - STMicroelectronics AN3063 Datasheet HTML 11Page - STMicroelectronics AN3063 Datasheet HTML 12Page - STMicroelectronics AN3063 Datasheet HTML 13Page - STMicroelectronics AN3063 Datasheet HTML 14Page - STMicroelectronics AN3063 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
AN3063
Test results and significant waveforms
Doc ID 16261 Rev 3
11/33
For user reference, waveforms of the input current and voltage at the nominal input voltage
mains and nominal load conditions are shown in
Figure 5 and 6.
The power factor (PF) and the total harmonic distortion (THD) have been measured too and
the results are shown in
Figure 7 and 8. As visible, the PF remains close to unity throughout
the input voltage mains and the total harmonic distortion is very low.
Figure 5.
EVL6563H-100W TM PFC: input
current waveform at 230 V, 50 Hz,
100 W load
Figure 6.
EVL6563H-100W TM PFC: input
current waveform at 100 V, 50 Hz,
100 W load
CH1: Vout
CH2: V bridge
CH4: I_AC
CH1: Vout
CH2: V bridge
CH4: I_AC
Figure 7.
EVL6563H-100W TM PFC: power
factor vs. output power
Figure 8.
EVL6563H-100W TM PFC: THD vs.
output power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com