Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3063 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3063
Description  100 W transition-mode PFC pre-regulator with the L6563H
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3063 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3063 Datasheet HTML 8Page - STMicroelectronics AN3063 Datasheet HTML 9Page - STMicroelectronics AN3063 Datasheet HTML 10Page - STMicroelectronics AN3063 Datasheet HTML 11Page - STMicroelectronics AN3063 Datasheet HTML 12Page - STMicroelectronics AN3063 Datasheet HTML 13Page - STMicroelectronics AN3063 Datasheet HTML 14Page - STMicroelectronics AN3063 Datasheet HTML 15Page - STMicroelectronics AN3063 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Test results and significant waveforms
AN3063
12/33
Doc ID 16261 Rev 3
The measured efficiency shown in
Figure 9, measured according to the ES-2 requirements,
is very good at all load and line conditions. At full load it is always higher than 93% making
this design suitable for high-efficiency power supplies. The average efficiency, calculated
according to the ES-2 requirements, at different nominal mains voltages is shown in
Figure 10.
The measured output voltage at different line and static load conditions is shown in
Figure 11. As visible, the voltage is very stable over the entire input voltage and output load
range.
4.2
Inductor current in TM and L6563H THD optimizer
The following figures show the waveforms relevant to the inductor current at different voltage
mains. As visible in
Figure 12 and 13 the peak inductor current waveform over a line half-
period follows the MULT (pin #3) at both input mains voltages and therefore the line current
is in phase with the input AC voltage, giving low distortion of the current waveform and high
Figure 9.
EVL6563H-100W TM PFC: efficiency
vs. output power
Figure 10.
EVL6563H-100W TM PFC: average
efficiency acc. to ES-2
Figure 11.
EVL6563H-100W TM PFC: static
Vout regulation vs. output power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com